Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9642 Datasheet HTML 10Page - Analog Devices AD9642 Datasheet HTML 11Page - Analog Devices AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices AD9642 Datasheet HTML 16Page - Analog Devices AD9642 Datasheet HTML 17Page - Analog Devices AD9642 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Data Sheet
AD9642
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 22. AD9642-210 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 210 MSPS
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 23. AD9642-210 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 210 MSPS
0
–140
0
105
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
15
30
45
60
75
90
210MSPS
89.12MHz @ –7dBFS
92.12MHz @ –7dBFS
SFDR = 89dBc (96dBFS)
Figure 24. AD9642-210 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
15
30
45
60
75
90
105
FREQUENCY (MHz)
210MSPS
184.12MHz AT –7dBFS
187.12MHz AT –7dBFS
SFDR = 88dBc (95dBFS)
Figure 25. AD9642-210 Two-Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
70
SAMPLE RATE (MSPS)
95
90
85
80
75
SNR (dBFS)
SFDR (dBc)
Figure 26. AD9642-210 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
6000
5000
4000
3000
2000
1000
0
OUTPUT CODE
0.852 LSB rms
16,384 TOTAL HITS
Figure 27. AD9642-210 Grounded Input Histogram, fS = 210 MSPS
Rev. B | Page 13 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com