Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices AD9642 Datasheet HTML 6Page - Analog Devices AD9642 Datasheet HTML 7Page - Analog Devices AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices AD9642 Datasheet HTML 10Page - Analog Devices AD9642 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD9642
Data Sheet
Rev. B | Page 6 of 28
SWITCHING SPECIFICATIONS
Table 4.
AD9642-170
AD9642-210
AD9642-250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
625
625
625
MHz
Conversion Rate1
Full
40
170
40
210
40
250
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
5.8
4.8
4
ns
CLK Pulse Width High (tCH)
Divide-by-1 Mode, DCS Enabled
Full
2.61
2.9
3.19
2.16
2.4
2.64
1.8
2.0
2.2
ns
Divide-by-1 Mode, DCS Disabled
Full
2.76
2.9
3.05
2.28
2.4
2.52
1.9
2.0
2.1
ns
Divide-by-2 Mode Through
Divide-by-8 Mode
Full
0.8
0.8
0.8
ns
Aperture Delay (tA)
Full
1.0
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.1
0.1
0.1
ps rms
DATA OUTPUT PARAMETERS
Data Propagation Delay (tPD)
Full
4.1
4.7
5.2
4.1
4.7
5.2
4.1
4.7
5.2
ns
DCO Propagation Delay (tDCO)
Full
4.7
5.3
5.8
4.7
5.3
5.8
4.7
5.3
5.8
ns
DCO-to-Data Skew (tSKEW)
Full
0.3
0.5
0.7
0.3
0.5
0.7
0.3
0.5
0.7
ns
Pipeline Delay (Latency)
Full
10
10
10
Cycles
Wake-Up Time (from Standby)
Full
10
10
10
μs
Wake-Up Time (from Power-Down)
Full
100
100
100
μs
Out-of-Range Recovery Time
Full
3
3
3
Cycles
1 Conversion rate is the clock rate after the divider.
Timing Diagram
VIN
CLK+
CLK–
DCO–
DCO+
D0±/D1±
(LSB)
EVEN/ODD
D12±/D13±
(MSB)
D0
N – 10
D1
N – 10
D0
N – 9
D1
N – 9
D0
N – 8
D1
N – 8
D0
N – 7
D1
N – 7
D0
N – 6
D12
N – 10
D13
N – 10
D12
N – 9
D13
N – 9
D12
N – 8
D13
N – 8
D12
N – 7
D12
N – 7
D12
N – 6
N – 1
N
N + 1
N + 2
N + 3
N + 4
N + 5
tA
tCH
tPD
tSKEW
tDCO
tCLK
Figure 2. LVDS Data Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com