Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices AD9642 Datasheet HTML 10Page - Analog Devices AD9642 Datasheet HTML 11Page - Analog Devices AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices AD9642 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD9642
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 10. AD9642-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 170 MSPS
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 11. AD9642-170 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 170 MSPS
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
89.12MHz @ –7dBFS
92.12MHz @ –7dBFS
SFDR = 88dBc (95dBFS)
Figure 12. AD9642-170 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
184.12MHz @ –7dBFS
187.12MHz @ –7dBFS
SFDR = 87dBc (94dBFS)
Figure 13. AD9642-170 Two Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
70
40
170
SAMPLE RATE (MSPS)
95
90
85
80
75
50
60
70
80
90 100 110 120 130 140 150 160
SNR (dBc)
SFDR (dBFS)
Figure 14. AD9642-170 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
6000
5000
4000
3000
2000
1000
0
OUTPUT CODE
0.830 LSB rms
16,384 TOTAL HITS
Figure 15. AD9642-170 Grounded Input Histogram, fS = 170 MSPS
Rev. B | Page 11 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com