Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9642 Datasheet HTML 7Page - Analog Devices AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices AD9642 Datasheet HTML 10Page - Analog Devices AD9642 Datasheet HTML 11Page - Analog Devices AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD9642
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = maximum rate per speed grade, DCS enabled, 1.75 V p-p differential input, VIN = −1.0 dBFS,
32k sample, TA = 25°C, unless otherwise noted.
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
90.1MHz @ –1dBFS
SNR = 71.82dB (72.2dBFS)
SFDR = 93dBc
Figure 4. AD9642-170 Single-Tone FFT with fIN = 90.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
185.1MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 86dBc
Figure 5. AD9642-170 Single-Tone FFT with fIN = 185.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
220.1MHz @ –1dBFS
SNR = 69.7dB (70.7dBFS)
SFDR = 84dBc
Figure 6. AD9642-170 Single-Tone FFT with fIN = 220.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
305.1MHz @ –1dBFS
SNR = 68.0dB (69.0dBFS)
SFDR = 86dBc
Figure 7. AD9642-170 Single-Tone FFT with fIN = 305.1 MHz
120
100
80
60
40
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 8. AD9642-170 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz, fS = 170 MSPS
60
65
70
75
80
85
90
95
100
60
75
90
105
120
135
150
165
180
195
210
225
240
255
270
285
300
315
330
345
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 9. AD9642-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 170 MSPS
Rev. B | Page 10 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com