Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9642 Datasheet HTML 6Page - Analog Devices AD9642 Datasheet HTML 7Page - Analog Devices AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices AD9642 Datasheet HTML 10Page - Analog Devices AD9642 Datasheet HTML 11Page - Analog Devices AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD9642
Rev. B | Page 9 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
24 CSB
23 SCLK
22 SDIO
21 DCO+
20 DCO–
19 D12+/D13+ (MSB)
18 D12–/D13– (MSB)
17 DRVDD
1
2
3
4
5
6
7
8
CLK+
CLK–
AVDD
D0–/D1– (LSB)
D0+/D1+ (LSB)
D2–/D3–
D2+/D3+
DRVDD
AD9642
INTERLEAVED
LVDS
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED THERMAL PADDLE ON THE BOTTOM OF THE
PACKAGE PROVIDES THE ANALOG GROUND FOR THE
PART. THIS EXPOSED PADDLE MUST BE CONNECTED TO
GROUND FOR PROPER OPERATION.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 3. LFCSP Pin Configuration (Top View)
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
8, 17
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
3, 27, 28, 31, 32
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
0
AGND,
Exposed Paddle
Ground
Analog Ground. The exposed thermal paddle on the bottom of the package provides
the analog ground for the part. This exposed paddle must be connected to ground for
proper operation.
25
DNC
Do Not Connect. Do not connect to this pin.
ADC Analog
30
VIN+
Input
Differential Analog Input Pin (+).
29
VIN−
Input
Differential Analog Input Pin (−).
26
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
This pin should be decoupled
to ground using a 0.1 μF capacitor.
1
CLK+
Input
ADC Clock Input—True.
2
CLK−
Input
ADC Clock Input—Complement.
Digital Outputs
5
D0+/D1+ (LSB)
Output
DDR LVDS Output Data 0/1—True.
4
D0−/D1− (LSB)
Output
DDR LVDS Output Data 0/1—Complement.
7
D2+/D3+
Output
DDR LVDS Output Data 2/3—True.
6
D2−/D3−
Output
DDR LVDS Output Data 2/3—Complement.
10
D4+/D5+
Output
DDR LVDS Output Data 4/5—True.
9
D4−/D5−
Output
DDR LVDS Output Data 4/5—Complement.
12
D6+/D7+
Output
DDR LVDS Output Data 6/7—True.
11
D6−/D7−
Output
DDR LVDS Output Data 6/7—Complement.
14
D8+/D9+
Output
DDR LVDS Output Data 8/9—True.
13
D8−/D9−
Output
DDR LVDS Output Data 8/9—Complement.
16
D10+/D11+
Output
DDR LVDS Output Data 10/11—True.
15
D10−/D11−
Output
DDR LVDS Output Data 10/11—Complement.
19
D12+/D13+ (MSB)
Output
DDR LVDS Output Data 12/13—True.
18
D12−/D13− (MSB)
Output
DDR LVDS Output Data 12/13—Complement.
21
DCO+
Output
LVDS Data Clock Output—True.
20
DCO−
Output
LVDS Data Clock Output—Complement.
SPI Control
23
SCLK
Input
SPI Serial Clock.
22
SDIO
Input/output
SPI Serial Data I/O.
24
CSB
Input
SPI Chip Select (Active Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com