Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices AD9642 Datasheet HTML 16Page - Analog Devices AD9642 Datasheet HTML 17Page - Analog Devices AD9642 Datasheet HTML 18Page - Analog Devices AD9642 Datasheet HTML 19Page - Analog Devices AD9642 Datasheet HTML 20Page - Analog Devices AD9642 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD9642
Data Sheet
Rev. B | Page 16 of 28
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 40. Equivalent Analog Input Circuit
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 41. Equivalent Clock Input Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 42. Equivalent LVDS Output Circuit
SDIO
350Ω
26kΩ
DRVDD
Figure 43. Equivalent SDIO Circuit
SCLK
350Ω
26kΩ
Figure 44. Equivalent SCLK Input Circuit
CSB
350Ω
26kΩ
AVDD
Figure 45. Equivalent CSB Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com