Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices AD9642 Datasheet HTML 16Page - Analog Devices AD9642 Datasheet HTML 17Page - Analog Devices AD9642 Datasheet HTML 18Page - Analog Devices AD9642 Datasheet HTML 19Page - Analog Devices AD9642 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD9642
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBFS)
IMD3 (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3 –7.0
Figure 34. AD9642-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz, fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SFDR (dBc)
IMD3 (dBFS)
IMD3 (dBc)
–90.0 –81.7 –73.4 –65.1 –56.8 –48.5 –40.2 –31.9 –23.6 –15.3
–7.0
Figure 35. AD9642-250 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN)
with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
125
100
75
50
25
FREQUENCY (MHz)
250MSPS
89.12MHz @ –7.0dBFS
92.12MHz @ –7.0dBFS
SFDR = 88dBc (95dBFS)
Figure 36. AD9642-250 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz
–140
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
250MSPS
184.12MHz AT –7dBFS
187.12MHz AT –7dBFS
SFDR = 87dBc (94dBFS)
0
25
50
75
100
125
Figure 37. AD9642-250 Two Tone FFT with fIN1 = 184.12 MHz, fIN2 = 187.12 MHz
100
95
90
85
80
75
70
SAMPLE RATE (MSPS)
SNR
SFDR
Figure 38. AD9642-250 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90 MHz
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
N – 4 N – 3 N – 2 N – 1
N
N + 1 N + 2 N + 3 N + 4 N + 5
OUTPUT CODE
0.847LSB rms
16,384 TOTAL HITS
Figure 39. AD9642-250 Grounded Input Histogram, fS = 250 MSPS
Rev. B | Page 15 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com