Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 4 Page - ON Semiconductor

  FDMF2011 Datasheet HTML 1Page - ON Semiconductor FDMF2011 Datasheet HTML 2Page - ON Semiconductor FDMF2011 Datasheet HTML 3Page - ON Semiconductor FDMF2011 Datasheet HTML 4Page - ON Semiconductor FDMF2011 Datasheet HTML 5Page - ON Semiconductor FDMF2011 Datasheet HTML 6Page - ON Semiconductor FDMF2011 Datasheet HTML 7Page - ON Semiconductor FDMF2011 Datasheet HTML 8Page - ON Semiconductor FDMF2011 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
3
Pin Definitions
Pin
Name
Function
1, 29, 32, 34
N/C
No connect
2
VDD
Power supply input for low-side gate drive and bootstrap diode. Bypass this pin to VSS
with a low impedance capacitor.
3
HI
High-side PWM input.
4
LI
Low-side PWM input.
5, 10,11, 22,
23, 33, 37
PGND
Power return for the power stage. Package header, pin 37 and PGND are internally fused
(shorted).
6
VSS
Analog ground for driver IC analog circuits.
7,9
LG
Low-side MOSFET gate.
8
LO
Low-side gate drive output.
12-21
SW
Switching node junction between high-side and Low-side MOSFETs.
24-28
VIN
Power input for the power stage. Bypass this pin to PGND with low impedance capacitor.
30
HG
High-side MOSFET gate.
31
PH
High-side source connection (SW node) for the bootstrap capacitor.
35
HB
Bootstrap supply for high-side driver. Bypass this pin to PH with low impedance capacitor.
36
HO
High-side gate drive output.
Table 1. Pin Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com