Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 8Page - ON Semiconductor FDMF2011 Datasheet HTML 9Page - ON Semiconductor FDMF2011 Datasheet HTML 10Page - ON Semiconductor FDMF2011 Datasheet HTML 11Page - ON Semiconductor FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor FDMF2011 Datasheet HTML 14Page - ON Semiconductor FDMF2011 Datasheet HTML 15Page - ON Semiconductor FDMF2011 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
11
Typical Performance Characteristics
Tj = 25°C unless otherwise noted.
Figure 9. IDDQ vs. Supply Voltage(VDD)
Figure 10. IDDQ vs. Temp.
Figure 11. . IHBQ vs. Supply Voltage(VDD)
Figure 12. IHBQ vs. Temp.
Figure 13. Turn-On Propagation Delay vs. Supply
Voltage(VDD)
Figure 14. Turn-On Propagation Delay vs. Temp.
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
Supply Voltage [V]
45
50
55
60
65
70
75
80
85
90
95
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
Supply Voltage [V]
26
28
30
32
34
36
38
40
42
44
46
48
50
52
54
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
100
125
150
175
200
225
250
275
300
10
12
14
16
18
20
Supply Voltage [V]
50
75
100
125
150
175
200
225
250
275
300
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
VDD=VHB=15V
VSS=0V
VIH=VIL=0V
VDD=15V
VSS=0V
VIH=VIL=0V
tHPLH
tLPLH
VDD=VHB=15V
VSS=0V
RG=0
VHB=15V
VSS=0V
VIH=VIL=0V
VDD=15V
VSS=0V
VIH=VIL=0V
VDD=VHB
VSS=0V
RG=0
tHPLH
tLPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com