Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 6Page - ON Semiconductor FDMF2011 Datasheet HTML 7Page - ON Semiconductor FDMF2011 Datasheet HTML 8Page - ON Semiconductor FDMF2011 Datasheet HTML 9Page - ON Semiconductor FDMF2011 Datasheet HTML 10Page - ON Semiconductor FDMF2011 Datasheet HTML 11Page - ON Semiconductor FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor FDMF2011 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
9
Electrical Specifications:
VDD=VHB=15V, VSW=VSS=0V, VIN=50V, TJ= +25°C unless otherwise noted.
Table 4. Module Electrical Specifications
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Currents
IINQ
Power Stage Quiescent Current
LI = HI = 0V
-
-
1
uA
IDDQ
Driver Quiescent Current
LI = HI = 0V
-
77
180
uA
IDDO
VDD operating current
FSW = 20kHz
-
0.3
0.6
mA
FSW = 200kHz
-
2.1
4.3
mA
IHBQ
BOOT Quiescent current
LI = HI = 0V
-
45
120
uA
IHBO
BOOT Operating current
FSW = 20kHz
-
0.3
0.6
mA
FSW = 200kHz
-
2.4
4.8
mA
Under-Voltage Protection
VDDR, VHBR
UVLO rising threshold
VDD or VHB-VPH rising threshold
8.2
9.4
10.0
V
VDDF, VHBF
UVLO falling threshold
VDD or VHB-VPH falling Threshold
7.6
8.8
9.6
V
VDDH
UVLO Hysteresis
VDD Hysterisis
0.6
-
V
tD_POR
POR delay to Enable IC
UVLO rising to internal PWM
enable
-
-
10
us
Control Inputs (TTL: LI, HI)
VIL
Low Level Input Voltage
VDD = 10V to 20V
1.2
-
-
V
VIH
High Level Input Voltage
-
-
2.9
V
VHYS
Input Voltage Hysteresis
-
1.0
-
V
RIN
Input Pull-Down Resistance
-
475
-
kΩ
PWM input (HI,LI)
tLPLH
LI to LO Propagation Delays
LI Low
HIGH to LO Low
HIGH,
VIH to 10% LG
100
160
300
ns
tLPHL
LI High
Low to LO High
Low, VIL
to 90% LG
100
212
300
ns
tHPLH
HI to HO Propagation Delays
HI Low
HIGH to HO
Low
HIGH,VIH to 10% HG-PH
100
177
300
ns
tHPHL
HI High
Low to HO High
Low,
VIL to 90% HG-PH
100
211
300
ns
MT
Delay matching, HS and LS turn-on/off
-
-
50
ns
tPW
Minimum Input Pulse Width that Changes
the Output
LI/HI Rising to Vth of Q1,Q2
RG=0Ω
60
ns
LI/HI Falling to Vth of Q1,Q2
RG=0Ω
100
ns
High-Side Driver (HDRV) (VDD = VHB = 15V)
ISOURCE_HO
Output Sourcing Peak current
VHO=0V
250
350
-
mA
ISINK_HO
Output Sinking Peak current
VHO=15V
500
650
-
mA
tR_HG
Rise Time
GH=10% to 90%, RGH=0Ω
-
170
339
ns
tF_HG
Fall Time
GH=90% to 10%, RGH=0Ω
-
70
140
ns
Low-Side Driver (LDRV) (VDD = VHB = 15V)
ISOURCE_LO
Output Sourcing Peak current
VLO=0V
250
350
-
mA
ISINK_LO
Output Sinking Peak current
VLO=15V
500
650
-
mA
tR_LG
Rise Time
GL=10% to 90%, RGL=0Ω
-
171
342
ns
tF_LG
Fall Time
GL=90% to 10%, RGL=0Ω
-
71
142
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com