Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 27 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor FDMF2011 Datasheet HTML 25Page - ON Semiconductor FDMF2011 Datasheet HTML 26Page - ON Semiconductor FDMF2011 Datasheet HTML 27Page - ON Semiconductor FDMF2011 Datasheet HTML 28Page - ON Semiconductor FDMF2011 Datasheet HTML 29Page - ON Semiconductor FDMF2011 Datasheet HTML 30Page - ON Semiconductor FDMF2011 Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
26
However, similar operation can arise when a
switching converter (such as a synchronous
buck) is pulling energy from the output filter
capacitors and delivering the energy back to
the input filter capacitors.
Figure 67. Synchronous Boost Converter
operating in CCM
From
a
module
perspective,
the
main
difference here versus the previous (buck)
operating mode is that this situation will cause
the LS FET (Q2) to act as the control
MOSFET and hard switch while the HS FET
(Q1) acts as a synchronous rectifier and
undergoes soft switching with body diode
recovery. This type of operation can drastically
change power losses dissipated in Q1 and Q2
versus buck operating mode.
dVDS/dt control using external
gate resistors
The FDMF2011 also provides module pins for
placing external gate resistors. The module
provides pins for the HO and LO signals
(driver output signals) and the HG and LG
(Power MOSFET gate pins). Resistors can be
placed in series with the MOSFET gate to
control the SW node edge rates.
Independently controlling MOSFET (slower)
turn-on and (faster) turn-off slew rates can
also be accomplished by using the resistor
and diode circuit shown in Figure 68..
Figure 68. Gate drive resistor-diode
circuit
CGD x dVDS/dt turn-on
CGD x dVDS/dt turn-on is a false (unwanted)
turn-on event that often creates a brief and
uncontrolled shoot through current between
the HS (Q1) and LS (Q2) MOSFETs.
Typically, a CGD x dVDS/dt “shoot-through”
condition
arises from
capacitive
feedback
current flowing through CGD into CGS inducing
a gate-bounce-induced channel turn-on of the
MOSFET. Holding the gate below threshold
can become challenging because the high-
frequency
capacitive
displacement
current
from CGD (due to dVDS/dt) couples back to
circuit ground through the gate electrode.
Figure 69. CGD x dVDS/dt current flow
Ld_LS
Ls_LS
LG_brd
LG_pack
RG
RDRIVE_LS
Q2
CGD
CGS
ZGate_Drv ~ R + ωL
ZMOS_Gate ~ 1/ωC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com