Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 20 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 16Page - ON Semiconductor FDMF2011 Datasheet HTML 17Page - ON Semiconductor FDMF2011 Datasheet HTML 18Page - ON Semiconductor FDMF2011 Datasheet HTML 19Page - ON Semiconductor FDMF2011 Datasheet HTML 20Page - ON Semiconductor FDMF2011 Datasheet HTML 21Page - ON Semiconductor FDMF2011 Datasheet HTML 22Page - ON Semiconductor FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
19
Typical Performance Characteristics (Q2 N-Channel)
Tj = 25°C unless otherwise noted.
0
1
2
3
4
5
0
30
60
90
120
150
V
GS = 6 V
V
GS = 5 V
V
GS = 8 V
PULSE DURATION = 80 µ
µ
µ
µ
s
DUTY CYCLE = 0.5% MAX
VGS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
Figure 50. On-Region Characteristics
0
30
60
90
120
150
0
2
4
6
8
10
VGS = 6 V
PULSE DURATION = 80 µ
µ
µ
µ
s
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 8 V
VGS = 10 V
VGS = 5 V
Figure 51. Normalized On-Resistance vs. Drain
Current and Gate Voltage
-75
-50
-25
0
25
50
75
100
125
150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 20 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
Figure 52. Normalized On Resistance vs. Junction
Temperature
4
5
6
7
8
9
10
0
20
40
60
80
100
TJ = 125 oC
ID = 20 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 µ
µ
µ
µ
s
DUTY CYCLE = 0.5% MAX
Figure 53. On-Resistance vs. Gate to Source Voltage
3
4
5
6
7
8
9
0
30
60
90
120
150
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 µ
µ
µ
µ
s
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 54. Transfer Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
150
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Figure 55. Source to Drain Diode Forward Voltage vs.
Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com