Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 17Page - ON Semiconductor FDMF2011 Datasheet HTML 18Page - ON Semiconductor FDMF2011 Datasheet HTML 19Page - ON Semiconductor FDMF2011 Datasheet HTML 20Page - ON Semiconductor FDMF2011 Datasheet HTML 21Page - ON Semiconductor FDMF2011 Datasheet HTML 22Page - ON Semiconductor FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor FDMF2011 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
20
Typical Performance Characteristics (Q2 N-Channel)
Tj = 25°C unless otherwise noted.
0
5
10
15
20
25
30
0
2
4
6
8
10
ID = 20 A
VDD = 75 V
VDD = 50 V
Qg, GATE CHARGE (nC)
VDD = 25 V
Figure 56. Gate Charge Characteristics
0.1
1
10
100
1
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Figure 57. Capacitance vs. Drain to Source Voltage
25
50
75
100
125
150
0
10
20
30
40
50
RθθθθJC = 3.57
o
C/W
VGS = 10 V
T
C,
CASE TEMPERATURE
(
o
C
)
Figure 58. Maximum Continuous Drain Current vs.
Case Temperature
0.1
1
10
100
600
0.1
1
10
100
500
CURVE BENT TO
MEASURED DATA
10 µ
µ
µ
µ
s
100 ms/DC
10 ms
1 ms
100 µ
µ
µ
µ
s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
R
θ
θ
θ
θ
JC = 3.57
oC/W
TC = 25
oC
Figure 59. Forward Bias Safe Operating Area
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
100
1000
10000
100000
SINGLE PULSE
R
θ
θ
θ
θ
JC = 3.57
o
C/W
T
C = 25
o
C
t, PULSE WIDTH (sec)
Figure 60. Single Pulse Maximum Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com