Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMF2011 Datasheet HTML 1Page - ON Semiconductor FDMF2011 Datasheet HTML 2Page - ON Semiconductor FDMF2011 Datasheet HTML 3Page - ON Semiconductor FDMF2011 Datasheet HTML 4Page - ON Semiconductor FDMF2011 Datasheet HTML 5Page - ON Semiconductor FDMF2011 Datasheet HTML 6Page - ON Semiconductor FDMF2011 Datasheet HTML 7Page - ON Semiconductor FDMF2011 Datasheet HTML 8Page - ON Semiconductor FDMF2011 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
FDMF2011 Rev.1.0
FDMF2011 – High Performance
Features
Compact size – 6.0 mm x 7.5 mm PQFN
High current handling: 20A
Next Generation 100V Power MOSFETs:
• Typ. RDS(on)=7.7(HS) / 7.3(LS) m
at VGS
Wide driver power supply voltage range: 10V to 20
Internal pull-down resistors for PWM inputs (HI,LI)
Short PWM propagation delays
Under-voltage lockout (UVLO)
Fully optimized system efficiency
High performance low profile package
Integrated 100V Half-Bridge gate driver
Fairchild 100V PowerTrench® MOSFETs for clean
switching waveforms and reduced ringing
Low Inductance and low resistance packag
operating power losses
Fairchild green packaging and RoHS compliant
Reduced EMI due to low side flip-chip MOSFET
Application Diagram
Ordering Information
Part Number
Current Rating
[A]
FDMF2011
20
1
High Performance 100V Smart Power Stage Module
V Power MOSFETs:
GS=10V, ID=20A
: 10V to 20V
resistors for PWM inputs (HI,LI)
V PowerTrench® MOSFETs for clean
ackaging for minimal
ackaging and RoHS compliant
chip MOSFET
General Description
The FDMF2011 is a compact 100V
(SPS) module that is a fully optimized
switching applications. The FDMF2011
driver IC plus two N-channel Power MOSFET
enhanced, 6.0 mm x 7.5 mm PQFN
packaging
provides
very
low
package
resistance improving the current handling capability and
performance of the part. With an integrated approach, the
complete switching power stage is optimized with regards to
driver and MOSFET dynamic performance, system
inductance, and Power MOSFET RDS(ON)
Fairchild's
high
performance
PowerTrench
technology, which reduces high voltage and current stresses
switching applications. The driver IC features
and matched PWM input propagation delays
enhance the performance of the part.
Applications
Motor Drives (Power tools & Drowns etc.)
Telecom Half / Full - Bridge DC-DC converters
Buck-Boost Converters
High-current DC-DC Point of Load (POL) converters.
Rating
Input Voltage
[V]
Frequency Max
[kHz]
Device Marking
100
200
www.fairchildsemi.com
Smart Power Stage Module
0V Smart Power Stage
that is a fully optimized for use in high current
. The FDMF2011 module integrates a
MOSFETs into a thermally
package. The PQFN
low
package
inductance
and
resistance improving the current handling capability and
With an integrated approach, the
complete switching power stage is optimized with regards to
MOSFET dynamic performance, system parasitic
DS(ON). The FDMF2011 uses
Fairchild's
high
performance
PowerTrench
TM
MOSFET
high voltage and current stresses in
The driver IC features a low delay times
propagation delays, which further
(Power tools & Drowns etc.)
DC converters
DC Point of Load (POL) converters.
Device Marking
FDMF2011
September 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com