Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 23 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 19Page - ON Semiconductor FDMF2011 Datasheet HTML 20Page - ON Semiconductor FDMF2011 Datasheet HTML 21Page - ON Semiconductor FDMF2011 Datasheet HTML 22Page - ON Semiconductor FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor FDMF2011 Datasheet HTML 25Page - ON Semiconductor FDMF2011 Datasheet HTML 26Page - ON Semiconductor FDMF2011 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
22
Functional Description
The FDMF2011 is a non-inverting 100V half-
bridge Smart Power Stage (SPS) module. The
module packages a driver IC die along with
pair of equally sized (matched RDSON) 100V
PowerTrench
TM
N-Channel
MOSFETs
(Standard gate thresholds refer to Table 5).
The FDMF2011 module provides separate
power input pins; the power stage input (VIN)
and the gate driver input (VDD). The power
stage input (VIN) accepts a wide operating
from 3V to 80V, while the gate driver input
(VDD) requires 10V to 20V. The module
accepts TTL compatible inputs (HI/LI) along
with anti-cross conduction circuitry to protect
against over-lapping PWM (HI/LI) pulses. The
module (driver IC) also implements UVLO
circuitry in both the VDD-VSS and BOOT-PH
power domains.
Power-Up and UVLO Operation
UVLO circuits are implemented in both the
VDD-VSS and HB-PH power domains. During
power-up, the VDD-VSS UVLO circuit forces
HO and LO low until the VDD supply voltage
exceeds the UVLO rising threshold (9.4V typ.).
The module (driver IC) will begin responding
to PWM pulses once VDD exceeds the UVLO
threshold. The UVLO circuit does contain
hysteresis (~0.6V) to prevent
noise from
interfering with normal operation. An additional
UVLO circuit is implemented on the HB-PH
pins which will hold HO low until HB-PH >
(9.4V
typ.).
The
HB-PH
UVLO
also
incorporates hysteresis (~0.6V).
VDD
UVLO
BOOT
UVLO
Driver State
0
X
Disabled (GH, GL=0)
1
0
GL follows PWM , GH=0)
1
1
Enabled (GH/GL follow PWM)
Table 6. UVLO Truth Table
Figure 62. Min/Max UVLO thresholds
PWM Input Stage
The FDMF2011 incorporates a PWM input
gate drive design, where the low side drive
output (LO) and high side drive output (HO)
are
controlled
through
independent
PWM
inputs (LI and HI, respectively).
The module (driver IC) can be used with TTL
compatible input signals. The input signals
can also be driven with voltage levels that are
lower than the VDD supply level. The VDD
supply
level
does
NOT
affect
the
input
threshold levels (VIH and VIL).
Figure 63. PWM threshold definitions
- VIH = PWM trip level to flip state from LOW to
HIGH.
- VIL = PWM trip level to flip state from HIGH to
LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com