Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 5Page - ON Semiconductor FDMF2011 Datasheet HTML 6Page - ON Semiconductor FDMF2011 Datasheet HTML 7Page - ON Semiconductor FDMF2011 Datasheet HTML 8Page - ON Semiconductor FDMF2011 Datasheet HTML 9Page - ON Semiconductor FDMF2011 Datasheet HTML 10Page - ON Semiconductor FDMF2011 Datasheet HTML 11Page - ON Semiconductor FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
8
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at
these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table defines the conditions for actual device operation. Thermal resistance rating is measured under board
mounted and still air conditions.
Symbol
Parameter
Min.
Max.
Unit
VIN
Power Stage Supply Voltage
Referenced to VSS
-0.3
100
V
VPH
PH Voltage
Referenced to VSS
VHB-25
VHB+0.3
V
VDD
Driver Supply Voltage
Referenced to VSS
-0.3
25
V
VHB
Bootstrap to VSS
Referenced to VSS
-0.3
125
V
VLI, VHI
Gate drive Input signals
Referenced to VSS
-0.3
VDD + 0.3V
V
VHO
High Side driver output
Referenced to PHASE
VPH - 0.3V
VBOOT + 0.3V
V
VLO
Low Side driver output
Referenced to VSS
- 0.3
VDD + 0.3V
V
VHG
High Side MOSFET gate
Referenced to PHASE
-28
28
V
VLG
Low Side MOSFET gate
Referenced to VSS
-28
28
V
ΘJA
Junction to Ambient Thermal Resistance – Q1
(1)
-
17
°C/W
Junction to Ambient Thermal Resistance – Q2
(1)
-
15
°C/W
TJ
Junction Temperature
-
150
°C
TSTG
Storage Temperature
-40
150
°C
Table 2. Module Absolute Maximum ratings
(1)
Mounted on a multi-layer FR4 PCB with a dissipating copper surface on the top side of 49 cm2, 2oz.
Recommended Operating Conditions
Symbol
Parameters
Test Condition
Min
Max
Unit
VIN
Power Stage Supply Voltage
3
80
V
VDD
Driver Supply Voltage
10
20
V
VSW, VPH
SW or PHASE
DC
-0.3
100
V
Repetitive Pulse (< 20ns, 10uJ)
6-VDD
100
V
VHB
Voltage on HB
Reference to PH
VPH + 10
VPH + 20
V
dVSW/dt
Voltage Slew Rate on SW
-
50
V/ns
TJ
Operating Temperature
-40
125
°C
Table 3. Module Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com