Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 25 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 21Page - ON Semiconductor FDMF2011 Datasheet HTML 22Page - ON Semiconductor FDMF2011 Datasheet HTML 23Page - ON Semiconductor FDMF2011 Datasheet HTML 24Page - ON Semiconductor FDMF2011 Datasheet HTML 25Page - ON Semiconductor FDMF2011 Datasheet HTML 26Page - ON Semiconductor FDMF2011 Datasheet HTML 27Page - ON Semiconductor FDMF2011 Datasheet HTML 28Page - ON Semiconductor FDMF2011 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
24
Application Information:
The FDMF2011 is designed as a non-inverting
power stage, where the Power MOSFET
response (SW node) is designed to follow to
HI/LI commands. The device is well-suited to
be used in a wide variety of applications, such
as: Half and Full-Bridge DC-DC converters,
Active Clamp Forward converters, rectifier
circuits,
and
motor
drive
power
stages.
However, various applications and topologies
can place unique stresses on the module.
There
are
a
few
basic
power-stage
requirements
needed
to
ensure
proper
operation.
Module Power Dissipation
As previously mentioned, the FDMF2011 is a
multi-chip
module
(MCM).
The
module
consists
of
three
die
(HS
MOSFET,
LS
MOSFET and driver IC). Each die dissipates
heat in normal operation resulting from power
loss. The power MOSFETs can generate
power loss from conduction and switching
losses while the driver IC dissipated loss from
bias, boot diode conduction and from the
driver output stage sinking and sourcing power
MOSFET
gate
currents
and
operating
frequency. The amount of heat dissipated by
any die is largely dependent on the operating
conditions. The close physical placement of
the three die inside of the package translates
into strong thermal coupling between die.
Ideally, a thermal camera should be used to
monitor the FDMF2011 during the engineering
development phase. This can help ensure the
module operates within the absolute maximum
ratings specified in this datasheet.
Operating Modes
The FDMF2011 can reliably operate while
driving various load impedances. However,
the relatively large number of applications can
result in the module operating in various
modes.
Common
applications
such
as
switching power converters and motor drives
can
place
the
FDMF2011
into
different
operating modes.
The various operating
modes
will
change
the
response
of
the
MOSFET voltage and current stresses and
power losses as well as the gate driver dead
time response. A few operating modes are
listed below.
H-bridge Motor Drive
In this operating mode, it allows bi-directional
current flow through motor by enabling diagonal
MOSFETs to make current flow in one or the
other direction. Inductor current will not tolerate
abrupt
changes
either
when
charged
or
discharged and alternate path is required to
protect switches during dead-time. The path can
be made either MOSFET body-diode conducting
as soon as switches are disabled or enabling
opposite high-side or low-side switch to carry the
recirculation
current
while
avoiding
shoot-
through. Utilizing MOSFET channel is often
much more efficient way to handle the decaying
current due to lower conduction power loss than
body-diode forward drop loss.
Figure 65. H-bridge motor drive
FDMF2011 Power Dissipation
The maximum motor drive current can be
obtained from estimating total power dissipation
of motor driver. There are a number of factors
which limit actual current level such as motor
ratting, driver IC, PCB construction, ambient
temperature and given application. All of power
dissipation components must be considered to
get reliable operation at the specific application.
There is obvious power dissipations listed below
in single H-bridge motor application.
•
Conduction loss – Generally biggest
power loss which is dissipated due to the
RDSON and its temperature coefficient
must be considered in the calculation
2
OUT
LS_temp
-
DS(ON)
HS_temp
-
DS(ON)
COND
I
)
r
(r
P
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com