Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 14 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 10Page - ON Semiconductor FDMF2011 Datasheet HTML 11Page - ON Semiconductor FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor FDMF2011 Datasheet HTML 14Page - ON Semiconductor FDMF2011 Datasheet HTML 15Page - ON Semiconductor FDMF2011 Datasheet HTML 16Page - ON Semiconductor FDMF2011 Datasheet HTML 17Page - ON Semiconductor FDMF2011 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
13
Typical Performance Characteristics (Continued)
Tj = 25°C unless otherwise noted.
Figure 21. Output Sourcing Current vs. Supply
Voltage(VDD)
Figure 22. Output Sourcing Current vs. Temp.
Figure 23. Output Sinking Current vs. Supply
Voltage(VDD)
Figure 24. Output Sinking Current vs. Temp.
Figure 25. High-Level Output Voltage Deviation
from the VBH(VDD) vs. Supply Voltage(VDD)
Figure 26. High-Level Output Voltage Deviation
from the VBH(VDD) vs. Temp.
180
200
220
240
260
280
300
320
340
360
380
400
420
440
460
480
500
10
12
14
16
18
20
Supply Voltage [V]
260
280
300
320
340
360
380
400
420
440
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
300
325
350
375
400
425
450
475
500
525
550
575
600
625
650
675
700
10
12
14
16
18
20
Supply Voltage [V]
400
450
500
550
600
650
700
750
800
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
300
325
350
375
400
425
450
475
500
525
550
575
600
10
12
14
16
18
20
Supply Voltage [V]
250
300
350
400
450
500
550
600
-40
-20
0
20
40
60
80
100
120
Temperature [℃
℃
℃
℃
]
VDD=VHB
VSS=0V
VHO=VLO=0V
VDD=VHB=15V
VSS=0V
VHO=VLO=0V
VDD=VHB
VSS=0V
VLO=VDD,VHO=VHB
VDD=VHB=15V
VSS=0V
VLO=VDD,VHO=VHB
VDD=VHB=15V
VSS= VPH=0V
VIH=VIL=5V
VOH=VHB - VHO, (VDD - VLO)
IL=20mA
VDD=VHB
VSS= VPH=0V
VIH=VIL=5V
VOH=VHB - VHO, (VDD - VLO)
IL=20mA
ISOURCE_HO
ISOURCE_LO
ISOURCE_LO
ISOURCE_HO
ISINK_LO
ISINK_HO
ISINK_HO
ISINK_LO
High-Side
Low-Side
High-Side
Low-Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com