Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 7Page - ON Semiconductor FDMF2011 Datasheet HTML 8Page - ON Semiconductor FDMF2011 Datasheet HTML 9Page - ON Semiconductor FDMF2011 Datasheet HTML 10Page - ON Semiconductor FDMF2011 Datasheet HTML 11Page - ON Semiconductor FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor FDMF2011 Datasheet HTML 14Page - ON Semiconductor FDMF2011 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
10
Power MOSFET specifications (FDMF2011)
TJ= +25°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
High Side MOSFET, Q1
BVDSS
Drain-Source Breakdown Voltage
IDS=250uA, VGS=0V
100
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=80V, VGS=0V
-
-
1
uA
IGSS
Gate-Source Leakage Current
VDS=0V, VGS=+/-20V
-
-
100
nA
VGS(th)
Gate-Source Threshold Voltage
VDS=VGS , IDS=250uA
2
3.1
4
V
RDS(ON)
Drain –Source On-Resistance
VGS=10V, IDS=20A
-
7.7
8.9
m
QG
Total Gate Charge
VGS=0V to 10V, VDD=50V, IDS=20A
-
25
-
nC
QGS
Gate-Source Charge
-
8.5
-
nC
QGD
Gate-Drain “Miller” Charge
-
5.2
-
nC
QOSS
Total Output Charge
-
31.3
-
nC
RG
Series Gate Resistance
-
0.7
-
Drain-Source Diode Characteristics
VSD
Source to Drain Forward Voltage
VHG-VPH=0V, ISD = 2A
-
0.7
1.2
V
VHG-VPH=0V, ISD = 20A
-
0.8
1.3
tRR
Reverse Recovery Time
IF = 20A, diF/dt = 100A/us
-
59
95
ns
QRR
Reverse Recovery Charge
-
77
123
nC
tRR
Reverse Recovery Time
IF = 20A, diF/dt = 300A/us
-
50
80
ns
QRR
Reverse Recovery Charge
-
140
224
nC
Low Side MOSFET, Q2
BVDSS
Drain-Source Breakdown Voltage
IDS=250uA, VGS=0V
100
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=80V, VGS=0V
-
-
1
uA
IGSS
Gate-Source Leakage Current
VDS=0V, VGS=+/-20V
-
-
100
nA
VGS(th)
Gate-Source Threshold Voltage
VDS=VGS , IDS=250uA
2
3.3
4
V
RDS(ON)
Drain –Source On-Resistance
VGS=10V, IDS=20A
-
7.3
8.9
m
QG
Total Gate Charge
VGS=0V to 10V, VDD=50V, IDS=20A
-
25
33
nC
QGS
Gate-Source Charge
-
8.9
-
nC
QGD
Gate-Drain “Miller” Charge
-
6
-
nC
QOSS
Total Output Charge
-
31.3
-
nC
RG
Series Gate Resistance
-
0.9
-
Drain-Source Diode Characteristics
VSD
Source to Drain Forward Voltage
VHG-VPH=0V, ISD = 2A
-
0.7
1.2
V
VHG-VPH=0V, ISD = 20A
-
0.8
1.3
tRR
Reverse Recovery Time
IF = 20A, diF/dt = 100A/us
-
58
93
ns
QRR
Reverse Recovery Charge
-
86
137
nC
tRR
Reverse Recovery Time
IF = 20A, diF/dt = 300A/us
-
48
77
ns
QRR
Reverse Recovery Charge
-
146
234
nC
Table 5. FDMF2011 MOSFET Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com