Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF2011 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FDMF2011
Description  High Performance 100V Smart Power Stage Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF2011 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FDMF2011 Datasheet HTML 12Page - ON Semiconductor FDMF2011 Datasheet HTML 13Page - ON Semiconductor FDMF2011 Datasheet HTML 14Page - ON Semiconductor FDMF2011 Datasheet HTML 15Page - ON Semiconductor FDMF2011 Datasheet HTML 16Page - ON Semiconductor FDMF2011 Datasheet HTML 17Page - ON Semiconductor FDMF2011 Datasheet HTML 18Page - ON Semiconductor FDMF2011 Datasheet HTML 19Page - ON Semiconductor FDMF2011 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF2011 Rev.1.0
15
Typical Performance Characteristics (Continued)
Tj = 25°C unless otherwise noted.
Figure 33. Static SOA, VIN=80V
Figure 34. Static SOA, VIN=60V
Figure 35. Module Power Loss vs. TDEAD
Figure 36. Module Power Loss vs. VGS
Figure 37. Output Current Vs. Carrier or Modulation
Frequency
0
5
10
15
20
25
30
20
40
60
80
100
120
140
160
180
200
Switching Frequency, F
SW[kHz]
80Vi40Vo10Vg
80Vi40Vo16Vg
0
5
10
15
20
25
30
20
40
60
80
100
120
140
160
180
200
Switching Frequency, F
SW[kHz]
60Vi30Vo10Vg
60Vi30Vo16Vg
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
0
20
40
60
80
100
120
Dead-time[ns]
0
2
4
6
8
10
12
10
12
14
16
18
20
Gate Voltage, V
GS[V]
18
19
20
21
22
23
24
25
26
1
10
100
Carrier Frequency [kHz]
VIN=80V, VDD=10V, VOUT=24V, IOUT=13A
VIN=80V, VOUT=24V, FSW=100kHz, IOUT=13A
VIN=80V, VDD=10V/16V, VOUT=40V,
Tj
≤125’C
VIN=60V, VDD=10V/16V, VOUT=30V,
Tj
≤125’C
VIN=72V, VDD=13V,
TJ=125°C, TA=25°C, PF=0.78
Sine-Triangle Comparison,
DM=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com