Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 11 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 7Page - STMicroelectronics LPS33HW Datasheet HTML 8Page - STMicroelectronics LPS33HW Datasheet HTML 9Page - STMicroelectronics LPS33HW Datasheet HTML 10Page - STMicroelectronics LPS33HW Datasheet HTML 11Page - STMicroelectronics LPS33HW Datasheet HTML 12Page - STMicroelectronics LPS33HW Datasheet HTML 13Page - STMicroelectronics LPS33HW Datasheet HTML 14Page - STMicroelectronics LPS33HW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
DocID030522 Rev 1
11/50
LPS33HW
Mechanical and electrical specifications
50
2.3
Communication interface characteristics
2.3.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and TOP.
Figure 3. SPI slave timing diagram
Note:
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
Table 6. SPI slave timing values
Symbol
Parameter
Value(1)
1. Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on
characterization results, not tested in production.
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
9
tdis(SO)
SDO output disable time
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com