Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 30Page - STMicroelectronics LPS33HW Datasheet HTML 31Page - STMicroelectronics LPS33HW Datasheet HTML 32Page - STMicroelectronics LPS33HW Datasheet HTML 33Page - STMicroelectronics LPS33HW Datasheet HTML 34Page - STMicroelectronics LPS33HW Datasheet HTML 35Page - STMicroelectronics LPS33HW Datasheet HTML 36Page - STMicroelectronics LPS33HW Datasheet HTML 37Page - STMicroelectronics LPS33HW Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Register description
LPS33HW
34/50
DocID030522 Rev 1
Figure 20. “Threshold-based” interrupt event
If the AUTOZERO bit is set to '1', the measured pressure is used as a reference on the
register REF_P (15h, 16h and 17h). From that point on, the output pressure registers
PRESS_OUT (PRESS_OUT_H (2Ah), PRESS_OUT_L (29h) and PRESS_OUT_XL (28h))
are updated and the same value is also used for the interrupt generation:
–
PRESS_OUT = measured pressure - REF_P
After the first conversion the AUTOZERO bit is automatically set to '0'. To return back to
normal mode, the RESET_AZ bit has to be set to '1'. This resets also the content of the
REF_P registers.
If the AUTORIFP bit is set to '1', the measured pressure is used as a reference on the
register REF_P (15h, 16h and 17h). The output registers PRESS_OUT (PRESS_OUT_H
(2Ah), PRESS_OUT_L (29h) and PRESS_OUT_XL (28h)) show the difference between the
measured pressure and the content of the RPDS registers (18h and 19h):
–
PRESS_OUT = measured pressure - RPDS*256
After the first conversion the AUTORIFP bit is automatically set to '0'. To return back to
normal mode, the RESET_ARP bit has to be set to '1'.
8.2
THS_P_L (0Ch)
Least significant bits of the threshold value for pressure interrupt generation.
The threshold value for pressure interrupt generation is a 16-bit unsigned right-justified
value composed of THS_P_H (0Dh) and THS_P_L (0Ch). The value is expressed as:
Interrupt threshold (hPA) = (THS_P) / 16.
To enable the interrupt event based on this user-defined threshold, the DIFF_EN bit in
INTERRUPT_CFG (0Bh) must be set to '1', the PHE bit or PLE bit (or both bits) in
INTERRUPT_CFG (0Bh) has to be enabled.
7
6
54321
0
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS[7:0]
This register contains the low part of threshold value for pressure interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com