Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 43 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 39Page - STMicroelectronics LPS33HW Datasheet HTML 40Page - STMicroelectronics LPS33HW Datasheet HTML 41Page - STMicroelectronics LPS33HW Datasheet HTML 42Page - STMicroelectronics LPS33HW Datasheet HTML 43Page - STMicroelectronics LPS33HW Datasheet HTML 44Page - STMicroelectronics LPS33HW Datasheet HTML 45Page - STMicroelectronics LPS33HW Datasheet HTML 46Page - STMicroelectronics LPS33HW Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
DocID030522 Rev 1
43/50
LPS33HW
Register description
50
8.17
STATUS (27h)
Status register
This register is updated every ODR cycle.
8.18
PRESS_OUT_XL (28h)
Pressure output value (LSB)
The pressure output value is 24-bit data that contains the measured pressure. It is
composed of PRESS_OUT_H (2Ah), PRESS_OUT_L (29h) and PRESS_OUT_XL (28h).
The value is expressed as 2’s complement.
The output pressure register PRESS_OUT is provided as the difference between the
measured pressure and the content of the register RPDS (18h, 19h)*.
Please refer to Section 3.4: Interpreting pressure readings for additional info.
*DIFF_EN = '0', AUTOZERO = '0', AUTORIFP = '0'
7
6
54321
0
--
--
T_OR
P_OR
--
--
T_DA
P_DA
T_OR
Temperature data overrun.
(0: no overrun has occurred;
1: a new data for temperature has overwritten the previous one)
P_OR
Pressure data overrun.
(0: no overrun has occurred;
1: new data for pressure has overwritten the previous one)
T_DA
Temperature data available.
(0: new data for temperature is not yet available;
1: new data for temperature is available)
P_DA
Pressure data available.
(0: new data for pressure is not yet available;
1: new data for pressure is available)
7
6
54321
0
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
POUT[7:0]
This register contains the low part of the pressure output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com