Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 41 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 37Page - STMicroelectronics LPS33HW Datasheet HTML 38Page - STMicroelectronics LPS33HW Datasheet HTML 39Page - STMicroelectronics LPS33HW Datasheet HTML 40Page - STMicroelectronics LPS33HW Datasheet HTML 41Page - STMicroelectronics LPS33HW Datasheet HTML 42Page - STMicroelectronics LPS33HW Datasheet HTML 43Page - STMicroelectronics LPS33HW Datasheet HTML 44Page - STMicroelectronics LPS33HW Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
DocID030522 Rev 1
41/50
LPS33HW
Register description
50
8.12
RPDS_L (18h)
Pressure offset (LSB data)
If, after the soldering of the component, a residual offset is still present, it can be removed
with a one-point calibration.
After soldering, the measured offset can be stored in the RPDS_H (19h) and RPDS_L (18h)
registers and automatically subtracted from the pressure output registers: the output
pressure register PRESS_OUT (28h, 29h and 2Ah) is provided as the difference between
the measured pressure and the content of the register 256*RPDS (18h, 19h)*.
*DIFF_EN = '0', AUTOZERO = '0', AUTORIFP = '0'
8.13
RPDS_H (19h)
Pressure offset (MSB data)
8.14
RES_CONF (1Ah)
Low-power mode configuration
7
6
54321
0
RPDS7
RPDS6
RPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
RPDS[7:0]
This register contains the low part of the pressure offset value.
7
6
54321
0
RPDS15
RPDS14
RPDS13
RPDS12
RPDS11
RPDS10
RPDS9
RPDS8
RPDS[15:8]
This register contains the high part of the pressure offset value.
Refer to RPDS_L (18h).
76
5
4
3
2
1
0
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
reserved(2)
LC_EN
1. These bits must be set to ‘0’ for proper operation of the device.
2. The content of this bit must not be modified for proper operation of the device
LC_EN(1)
1. The LC_EN bit must be changed only with the device in power down and not during operation. Once the
LC_EN bit is configured, it affects both One-shot mode and Continuous mode.
Low-current mode enable. Default: 0
(0: normal mode (low-noise mode); 1: low-current mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com