Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 42 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 38Page - STMicroelectronics LPS33HW Datasheet HTML 39Page - STMicroelectronics LPS33HW Datasheet HTML 40Page - STMicroelectronics LPS33HW Datasheet HTML 41Page - STMicroelectronics LPS33HW Datasheet HTML 42Page - STMicroelectronics LPS33HW Datasheet HTML 43Page - STMicroelectronics LPS33HW Datasheet HTML 44Page - STMicroelectronics LPS33HW Datasheet HTML 45Page - STMicroelectronics LPS33HW Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
Register description
LPS33HW
42/50
DocID030522 Rev 1
8.15
INT_SOURCE (25h)
Interrupt source
8.16
FIFO_STATUS (26h)
FIFO status
7
6543
2
1
0
BOOT_STATUS
0
0
0
0
IA
PL
PH
BOOT_STATUS
If ‘1’ indicates that the Boot (Reboot) phase is running.
IA
Interrupt active.
(0: no interrupt has been generated;
1: one or more interrupt events have been generated).
PL
Differential pressure Low.
(0: no interrupt has been generated;
1: Low differential pressure event has occurred).
PH
Differential pressure High.
(0: no interrupt has been generated;
1: High differential pressure event has occurred).
7
6
54321
0
FTH_FIFO
OVR
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
FTH_FIFO
FIFO threshold status.
(0: FIFO filling is lower than the threshold level,
1: FIFO filling is equal or higher than the threshold level).
OVR
FIFO overrun status.
(0: FIFO is not completely full;
1: FIFO is full and at least one sample in the FIFO has been overwritten).
FSS[5:0]
FIFO stored data level.
(000000: FIFO empty, 100000: FIFO is full and has 32 unread samples).
Table 21. FIFO_STATUS example: OVR/FSS details
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
0
0
000000
FIFO empty
--(1)
1. When the number of unread samples in FIFO is greater than the threshold level set in register FIFO_CTRL
(14h), FTH value is ‘1’.
0
0
000011 unread sample
...
--(1)
0
1
0000032 unread samples
1
1
100000
At least one sample has
been overwritten



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com