Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 37 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 33Page - STMicroelectronics LPS33HW Datasheet HTML 34Page - STMicroelectronics LPS33HW Datasheet HTML 35Page - STMicroelectronics LPS33HW Datasheet HTML 36Page - STMicroelectronics LPS33HW Datasheet HTML 37Page - STMicroelectronics LPS33HW Datasheet HTML 38Page - STMicroelectronics LPS33HW Datasheet HTML 39Page - STMicroelectronics LPS33HW Datasheet HTML 40Page - STMicroelectronics LPS33HW Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
DocID030522 Rev 1
37/50
LPS33HW
Register description
50
8.6
CTRL_REG2 (11h)
Control register 2
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up the content of the Flash memory block is transferred to
the internal registers related to the trimming functions to allow correct behavior of the device
itself. If for any reason the content of the trimming registers is modified, it is sufficient to use
this bit to restore the correct values. When the BOOT bit is set to ‘1’, the content of the
internal Flash is copied inside the corresponding internal registers and is used to calibrate
the device. These values are factory trimmed and they are different for every device. They
allow correct behavior of the device and normally they should not be changed. At the end of
the boot process the BOOT bit is set again to ‘0’ by hardware. The BOOT bit takes effect
after one ODR clock cycle.
SWRESET is the software reset bit. The following device registers (INTERRUPT_CFG
(0Bh), THS_P_L (0Ch), THS_P_H (0Dh), CTRL_REG1 (10h), CTRL_REG2 (11h),
CTRL_REG3 (12h), FIFO_CTRL (14h), REF_P_XL (15h), REF_P_L (16h), REF_P_H
(17h)) are reset to the default value if the SWRESET bit is set to '1'. The SWRESET bit
returns back to '0' by hardware.
The ONE_SHOT bit is used to start a new conversion when the ODR[2,0] bits in
CTRL_REG1 (10h) are set to ‘000’. Writing a ‘1’ in ONE_SHOT triggers a single
measurement of pressure and temperature. Once the measurement is done, the
ONE_SHOT bit will self-clear, the new data are available in the output registers, and the
STATUS (27h) bits are updated.
76
5
4
3
2
1
0
BOOT
FIFO_EN
STOP_ON_FTH
IF_ADD_INC
I2C_DIS
SWRESET
0(1)
ONE_SHOT
1. This bit must be set to ‘0’ for proper operation of the device
BOOT
Reboot memory content. Default value: 0
(0: normal mode;
1: reboot memory content). The bit is self-cleared when the BOOT is completed.
FIFO_EN
FIFO enable. Default value: 0
(0: disable; 1: enable)
STOP_ON_FTH
Stop on FIFO threshold. Enable FIFO watermark level use. Default value: 0
(0: disable; 1: enable)
IF_ADD_INC(1)
1. It is recommend to use a single-byte read (with IF_ADD_INC = 0) when output data registers are acquired
without using the FIFO. If a read of the data occurs during the refresh of the output data register, it is
recommended to set the BDU bit to ‘1’ in CTRL_REG1 (10h) in order to avoid mixing data.
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value: 1
(0: disable; 1: enable)
I2C_DIS
Disable I2C interface. Default value: 0
(0: I2C enabled;1: I2C disabled)
SWRESET
Software reset. Default value: 0
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
ONE_SHOT
One-shot enable. Default value: 0
(0: idle mode; 1: a new dataset is acquired)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com