Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 32Page - STMicroelectronics LPS33HW Datasheet HTML 33Page - STMicroelectronics LPS33HW Datasheet HTML 34Page - STMicroelectronics LPS33HW Datasheet HTML 35Page - STMicroelectronics LPS33HW Datasheet HTML 36Page - STMicroelectronics LPS33HW Datasheet HTML 37Page - STMicroelectronics LPS33HW Datasheet HTML 38Page - STMicroelectronics LPS33HW Datasheet HTML 39Page - STMicroelectronics LPS33HW Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Register description
LPS33HW
36/50
DocID030522 Rev 1
When the ODR bits are set to '000' the device is in Power-down mode. When the device
is in power-down mode, almost all internal blocks of the device are switched off to
minimize power consumption. The I2C interface is still active to allow communication with
the device. The content of the configuration registers is preserved and output data
registers are not updated, therefore keeping the last data sampled in memory before
going into power-down mode.
If the ONE_SHOT bit in CTRL_REG2 (11h) is set to '1', One-shot mode is triggered and a
new acquisition starts when it is required. Enabling this mode is possible only if the device
was previously in power-down mode (ODR bits set to '000'). Once the acquisition is
completed and the output registers updated, the device automatically enters in power-
down mode. The ONE_SHOT bit self-clears itself.
When the ODR bits are set to a value different than '000', the device is in Continuous
mode and automatically acquires a set of data (pressure and temperature) at the
frequency selected through the ODR[2:0] bits.
Once the additional low-pass filter has been enabled through the EN_LPFP bit, it is possible
to configure the device bandwidth acting on the LPFP_CFG bit. See Table 18 for low-pass
filter configurations.
The BDU bit is used to inhibit the update of the output registers between the reading of the
upper and lower register parts. In default mode (BDU = ‘0’), the lower and upper register
parts are updated continuously. When the BDU is activated (BDU = ‘1’), the content of the
output registers is not updated until PRESS_OUT_H (2Ah) is read, avoiding the reading of
values related to different samples.
Table 17. Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure (Hz)
Temperature (Hz)
0
0
0
Power-down / One-shot mode enabled
001
1 Hz
1 Hz
0
1
0
10 Hz
10 Hz
011
25 Hz
25 Hz
100
50 Hz
50 Hz
1
0
1
75 Hz
75 Hz
Table 18. Low-pass filter configurations
EN_LPFP
LPFP_CFG
Additional low-pass filter status
Device bandwidth
0
x
Disabled
ODR/2
1
0
Enabled
ODR/9
1
1
Enabled
ODR/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com