Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 14Page - STMicroelectronics LPS33HW Datasheet HTML 15Page - STMicroelectronics LPS33HW Datasheet HTML 16Page - STMicroelectronics LPS33HW Datasheet HTML 17Page - STMicroelectronics LPS33HW Datasheet HTML 18Page - STMicroelectronics LPS33HW Datasheet HTML 19Page - STMicroelectronics LPS33HW Datasheet HTML 20Page - STMicroelectronics LPS33HW Datasheet HTML 21Page - STMicroelectronics LPS33HW Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
FIFO
LPS33HW
18/50
DocID030522 Rev 1
4.3
Stream mode
Stream mode (FIFO_CTRL (14h)(FMODE2:0) = 010) provides continuous FIFO update: as
new data arrive, the older is discarded.
Once the entire FIFO has been read, the last data read still remains in the FIFO and hence
once a new sample is acquired, the FIFO_STATUS (26h)(FSS5:0) value rises from 0 to 2.
An overrun interrupt can be enabled, CTRL_REG3 (12h)(F_OVR) = '1', in order to inform
when the FIFO is full and eventually read its content all at once. If an overrun occurs, the
oldest sample in FIFO is overwritten, so if the FIFO was empty, the lost sample has already
been read.
Figure 8. Stream mode
In the latter case reading all FIFO content before an overrun interrupt has occurred, the first
data read is equal to the last already read in the previous burst, so the number of new data
available in FIFO depends on the previous reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com