Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 19 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 15Page - STMicroelectronics LPS33HW Datasheet HTML 16Page - STMicroelectronics LPS33HW Datasheet HTML 17Page - STMicroelectronics LPS33HW Datasheet HTML 18Page - STMicroelectronics LPS33HW Datasheet HTML 19Page - STMicroelectronics LPS33HW Datasheet HTML 20Page - STMicroelectronics LPS33HW Datasheet HTML 21Page - STMicroelectronics LPS33HW Datasheet HTML 22Page - STMicroelectronics LPS33HW Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
DocID030522 Rev 1
19/50
LPS33HW
FIFO
50
4.4
Dynamic-Stream mode
In Dynamic-Stream mode (FIFO_CTRL (14h)(FMODE2:0) = 110) after emptying the FIFO,
the first new sample that arrives becomes the first to be read in a subsequent read burst. In
this way the number of new data available in FIFO does not depend on the previous
reading.
In Dynamic-Stream mode FIFO_STATUS (26h)(FSS5:0) is the number of new pressure and
temperature samples available in the FIFO buffer.
Stream Mode is intended to be used to read all 32 samples of FIFO within an ODR after
receiving an overrun signal.
Dynamic-Stream is intended to be used to read FIFO_STATUS (26h)(FSS5:0) samples
when it is not possible to guarantee reading data within an ODR.
Also, a FIFO threshold interrupt on the INT_DRDY pad through CTRL_REG3 (12h)(F_FTH)
can be enabled in order to read data from the FIFO and leave free memory slots for
incoming data.
Figure 9. Dynamic-Stream mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com