Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 33 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 29Page - STMicroelectronics LPS33HW Datasheet HTML 30Page - STMicroelectronics LPS33HW Datasheet HTML 31Page - STMicroelectronics LPS33HW Datasheet HTML 32Page - STMicroelectronics LPS33HW Datasheet HTML 33Page - STMicroelectronics LPS33HW Datasheet HTML 34Page - STMicroelectronics LPS33HW Datasheet HTML 35Page - STMicroelectronics LPS33HW Datasheet HTML 36Page - STMicroelectronics LPS33HW Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DocID030522 Rev 1
33/50
LPS33HW
Register description
50
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
8.1
INTERRUPT_CFG (0Bh)
Interrupt configuration
To generate an interrupt event based on a user-defined threshold, the DIFF_EN bit must be
set to '1' and the threshold values stored in THS_P_L (0Ch) and THS_P_H (0Dh).
When DIFF_EN = '1', the PHE bit or PLE bit (or both bits) has to be enabled. The PHE and
PLE bits enable the interrupt generation on the positive or negative event respectively.
When DIFF_EN is enabled and AUTOZERO or AUTORIFP is enabled, the defined pressure
threshold values in THS_P (0Ch, 0Dh) is compared with:
P_DIFF_IN = measured pressure - pressure reference
The value of the pressure reference is assigned depending on the AUTOZERO and
AUTORIFP modes given in the next two paragraphs.
7
6
54321
0
AUTORIFP
RESET_ARP
AUTOZERO
RESET_AZ
DIFF_EN
LIR
PLE
PHE
AUTORIFP
AUTORIFP: Enable AutoRifP function. Default value: 0
(0: normal mode; 1: AutoRifP enabled)
RESET_ARP Reset AutoRifP function. Default value: 0
(0: normal mode; 1: reset AutoRifP function)
AUTOZERO
Enable Autozero. Default value: 0
(0: normal mode; 1: Autozero enabled)
RESET_AZ
Reset Autozero function. Default value: 0
(0: normal mode; 1: reset Autozero function)
DIFF_EN
Enable interrupt generation. Default value: 0
(0: interrupt generation disabled; 1: interrupt generation enabled)
LIR
Latch interrupt request to the INT_SOURCE register. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
PLE
Enable interrupt generation on differential pressure low event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured differential
pressure value lower than preset threshold)
PHE
Enable interrupt generation on differential pressure high event. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured differential
pressure value higher than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com