Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 23 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 19Page - STMicroelectronics LPS33HW Datasheet HTML 20Page - STMicroelectronics LPS33HW Datasheet HTML 21Page - STMicroelectronics LPS33HW Datasheet HTML 22Page - STMicroelectronics LPS33HW Datasheet HTML 23Page - STMicroelectronics LPS33HW Datasheet HTML 24Page - STMicroelectronics LPS33HW Datasheet HTML 25Page - STMicroelectronics LPS33HW Datasheet HTML 26Page - STMicroelectronics LPS33HW Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
DocID030522 Rev 1
23/50
LPS33HW
Application hints
50
5
Application hints
Figure 13. LPS33HW electrical connections (top view)
The device power supply must be provided through the VDD line; a power supply
decoupling capacitor C1 (100 nF) must be placed as near as possible to the supply pads of
the device. Depending on the application, an additional capacitor of 4.7 μF could be placed
on the VDD line.
The functionality of the device and the measured data outputs are selectable and accessible
through the I²C/SPI interface. When using the I2C, CS must be tied to Vdd_IO.
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 13). It is possible to remove VDD while maintaining
Vdd_IO without blocking the communication bus, in this condition the measurement chain is
powered off.
5.1
Soldering information
The CCLGA package is compliant with the ECOPACK® standard and it is qualified for
soldering heat resistance according to JEDEC J-STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com