Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 38 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 34Page - STMicroelectronics LPS33HW Datasheet HTML 35Page - STMicroelectronics LPS33HW Datasheet HTML 36Page - STMicroelectronics LPS33HW Datasheet HTML 37Page - STMicroelectronics LPS33HW Datasheet HTML 38Page - STMicroelectronics LPS33HW Datasheet HTML 39Page - STMicroelectronics LPS33HW Datasheet HTML 40Page - STMicroelectronics LPS33HW Datasheet HTML 41Page - STMicroelectronics LPS33HW Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Register description
LPS33HW
38/50
DocID030522 Rev 1
8.7
CTRL_REG3 (12h)
Control register 3 - INT_DRDY pin control register
7
6
54321
0
INT_H_L
PP_OD
F_FSS5
F_FTH
F_OVR
DRDY
INT_S2
INT_S1
INT_H_L
Interrupt active-high/low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open-drain selection on interrupt pads. Default value: 0
(0: push-pull; 1: open drain)
F_FSS5
FIFO full flag on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
F_FTH
FIFO threshold (watermark) status on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
F_OVR
FIFO overrun interrupt on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
DRDY
Data-ready signal on INT_DRDY pin. Default value: 0
(0: disable; 1: enable)
INT_S[2:1]
Data signal on INT_DRDY pin control bits. Default value: 00
Refer to Table 19.
Table 19. Interrupt configurations
INT_S2
INT_S1
INT_DRDY pin configuration
00
Data signal (in order of priority: DRDY or F_FTH or F_OVR or
F_FSS5
0
1
Pressure high (P_high)
1
0
Pressure low (P_low)
1
1
Pressure low OR high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com