Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS33HW Datasheet(PDF) 22 Page - STMicroelectronics

Part # LPS33HW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS33HW Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LPS33HW Datasheet HTML 18Page - STMicroelectronics LPS33HW Datasheet HTML 19Page - STMicroelectronics LPS33HW Datasheet HTML 20Page - STMicroelectronics LPS33HW Datasheet HTML 21Page - STMicroelectronics LPS33HW Datasheet HTML 22Page - STMicroelectronics LPS33HW Datasheet HTML 23Page - STMicroelectronics LPS33HW Datasheet HTML 24Page - STMicroelectronics LPS33HW Datasheet HTML 25Page - STMicroelectronics LPS33HW Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
FIFO
LPS33HW
22/50
DocID030522 Rev 1
4.7
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL (14h)(FMODE2:0) = '111'), data measurement
storage inside FIFO operates in FIFO mode when INT_SOURCE (25h)(IA) is equal to '1',
otherwise FIFO content is reset (Bypass mode).
An interrupt generator can be set to the desired configuration through INTERRUPT_CFG
(0Bh).
The INTERRUPT_CFG (0Bh)(LIR) bit should be set to '1' in order to have latched interrupt.
Figure 12. Bypass-to-FIFO mode
4.8
Retrieving data from FIFO
FIFO data is read from PRESS_OUT_H (2Ah), PRESS_OUT_L (29h), PRESS_OUT_XL
(28h) and TEMP_OUT_H (2Ch), TEMP_OUT_L (2Bh).
Each time data is read from the FIFO, the oldest data are placed in the PRESS_OUT_H
(2Ah), PRESS_OUT_L (29h), PRESS_OUT_XL (28h), TEMP_OUT_H (2Ch) and
TEMP_OUT_L (2Bh) registers and both single-read and read-burst operations can be used.
The reading address is automatically updated by the device and it rolls back to 28h when
register 2Ch is reached. In order to read all FIFO levels in a multiple byte reading, 160 bytes
(5 output registers by 32 levels) must be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com