Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 21Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 22Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 23Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 24Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 25Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 26Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 27Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 28Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
10B
APPLICATIONS INFORMATION
20B
OVERVIEW
The ADAS1000-3/ADAS1000-4 are electro cardiac (ECG)
front-end solutions targeted at a variety of medical applica-
tions. In addition to ECG measurements, the ADAS1000-3/
ADAS1000-4 also measure thoracic impedance (respiration)
and detect pacing artifacts, providing all the measured
information to the host controller in the form of a data frame
supplying either lead/vector or electrode data at programmable
data rates. The ADAS1000-3/ADAS1000-4 are designed to
simplify the task of acquiring ECG signals for use in both
monitor and diagnostic applications. Value-added cardiac post
processing may be executed externally on a DSP, microproces-
sor, or FPGA. The ADAS1000-3/ADAS1000-4 are designed for
operation in both low power, portable telemetry applications
and line powered systems; therefore, the parts offer power/noise
scaling to ensure suitability to these varying requirements.
The devices also offer a suite of dc and ac test excitation via
a calibration DAC feature and CRC redundancy checks in
addition to readback of all relevant register address space.
Figure 52. ADAS1000-3 Simplified Block Diagram
COMMON-
MODE AMP
RLD_SJ
DRIVEN
LEAD
AMP
SHIELD
DRIVE
AMP
SHIELD
ECG1_LA
ECG2_LL
ECG3_RA
AC
LEAD-OFF
DETECTION
RLD_OUT
CM_IN
VREF
REFOUT
XTAL1 XTAL2
PD
CS
SCLK
SDI
DGND
SDO
DRDY
RESET
AGND
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
SYNC_GANG
REFIN
CAL_DAC_IO
DC LEAD-
OFF/MUXES
VCM_REF
(1.3V)
CALIBRATION
DAC
CLK_IO
AVDD
ADCVDD
DVDD
GPIO3
GPIO1/MSCLK
GPIO2/MSDO
GPIO0/MCS
AMP
AMP
ECG PATH
VREF
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
REFGND
CM_OUT/WCT
ADCVDD, DVDD
1.8V
REGULATORS
ADAS1000-3
VCM
ADC
ADC
AMP
ADC
AC
LEAD-OFF
DAC
Rev. B | Page 25 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com