Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 32Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 33Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 34Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 35Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
CALIBRATION DAC
Within the ADAS1000-3/ADAS1000-4, there are a number of
calibration features.
The 10-bit calibration DAC can be used to correct channel gain
errors (to ensure channel matching) or to provide several test
tones. The options are as follows:
•
DC voltage output (range: 0.3 V to 2.7 V). The DAC
transfer function for dc voltage output is
(
)
−
×
+
1
2
V
4
.
2
V
3
.
0
10
code
•
1 mV p-p sine wave of 10 Hz or 150 Hz
•
1 mV 1 Hz square wave
Internal switching allows the calibration DAC signals to be
routed to the input of each ECG channel (see Figure 63).
Alternatively, it can be driven out from the CAL_DAC_IO
pin, enabling measurement and correction for external error
sources in the entire ECG signal chain.
To ensure a successful update of the calibration DAC (see
Table 36), the host controller must issue four additional SCLK
cycles after writing the new calibration DAC register word.
GAIN CALIBRATION
The gain for each ECG channel can be adjusted to correct
for gain mismatches between channels. Factory trimmed
gain correction coefficients are stored in nonvolatile memory
on-chip for GAIN 0, GAIN 1, and GAIN 2; there is no factory
calibration for GAIN 3. The default gain values can be over-
written by user gain correction coefficients, which are stored
in volatile memory and available by addressing the appropriate
gain control registers (see Table 50). The gain calibration applies
to the ECG data available on the standard interface and applies
to all data rates.
LEAD-OFF DETECTION
An ECG system must be able to detect if an electrode is no
longer connected to the patient. The ADAS1000-3/ADAS1000-4
support two methods of lead-off detection, ac lead-off detection
and dc lead-off detection. The two systems are independent and
can be used singly or together under the control of the serial
interface (see Table 29).
A lead-off event sets a flag in the frame header word (see Table 53).
Identification of which electrode is off is available as part of the
data frame or as a register read from the lead-off status register
(Register LOFF, see Table 47). In the case of ac lead-off, infor-
mation about the amplitude of the lead-off signal or signals can
be read back through the serial interface (see Table 51).
In a typical ECG configuration, the electrodes RA, LA, and LL
are used to generate a common mode of Wilson Central Terminal
(WCT). If one of these electrodes is off, this affects the WCT
signal and any lead measurements that it contributes to. As a
result, the ECG measurements on these signals are expected to
degrade. The user has full control over the common-mode
amplifier and can adjust the common-mode configuration to
remove that electrode from the common-mode generation. In
this way, the user can continue to make measurements on the
remaining connected leads.
DC Lead-Off Detection
This method injects a small programmable dc current into each
input electrode. When an electrode is properly connected, the
current flows into the right leg (RLD_OUT) and produces a
minimal voltage shift. If an electrode is off, the current charges
that pin’s capacitance, causing the voltage at the pin to float
positive and create a large voltage change that is detected by
the comparators in each channel. These comparators use fixed,
gain-independent upper and lower threshold voltages of 2.4 V
and 0.2 V, respectively. If the input exceeds either of these levels,
the lead-off flag is raised. The lower threshold is included in the
event that something pulls the electrode down to ground.
The dc lead-off detection current can be programmed via the
serial interface. Typical currents range from 10 nA to 70 nA in
10 nA steps. All input pins (RA, LA, LL, V1, V2, and CM_IN)
use identical dc lead-off detection circuitry.
Detecting if the right-leg electrode has fallen off is necessarily
different as RLD_OUT is a low impedance amplifier output. A
pair of fixed threshold comparators monitor the output voltage
to detect amplifier saturation that would indicate a lead-off
condition. This information is available in the DCLEAD-OFF
register (Register 0x1E) along with the lead-off status of all the
input pins.
The propagation delay for detecting a dc lead-off event depends
on the cable capacitance and the programmed current. It is
approximately
Delay = Voltage × Cable Capacitance/Programmed Current
For example:
Delay = 1.2 V × (200 pF/70 nA) = 3.43 ms
DC Lead-Off and High Gains
Using dc lead-off at high gains can result in failure of the circuit
to flag a lead-off condition. The chopping nature of the input
amplifier stage contributes to this situation. When the electrode
is off, the electrode is pulled up; however, in this gain setting,
the first stage amplifier goes into saturation before the input
signal crosses the DCLO upper threshold, resulting in no lead-
off flag. This affects the gain setting GAIN 3 (4.2) and partially
GAIN 2 (2.8).
Increasing the AVDD voltage raises the voltage at which the input
amplifiers saturate, allowing the off electrode voltage to rise high
enough to trip the DCLO comparator (fixed upper threshold of
2.4 V). The ADAS1000 operates over a voltage range of 3.15 V
to 5.5 V. If using GAIN 2/GAIN 3 and dc lead-off, an increased
AVDD supply voltage (minimum 3.6 V) allows dc lead-off to
flag correctly at higher gains.
Rev. B | Page 36 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com