Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 7Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 8Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 9Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 10Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 11Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 13Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 14Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
Rev. B | Page 11 of 80
TIMING CHARACTERISTICS
Standard Serial Interface
AVDD = 3.3 V ± 5%, IOVDD = 1.65 V to 3.6 V, AGND = DGND = 0 V, REFIN tied to REFOUT, externally supplied crystal/clock =
8.192 MHz. TA = −40°C to +85°C, unless otherwise noted. Typical specifications are mean values at TA = 25°C.
Table 5.
IOVDD
Parameter1
3.3 V
2.5 V
1.8 V
Unit
Description
Output Rate2
2
128
kHz
Across specified IOVDD supply range; three programmable output data
rates available as configured in FRMCTL register (see Table 37) 2 kHz,
16 kHz, 128 kHz; use skip mode for slower rates.
SCLK Cycle Time
25
40
50
ns min
See Table 21 for details on SCLK frequency vs. packet data/frame rates.
tCSSA
8.5
9.5
12
ns min
A
CSE
A
valid setup time to rising SCLK.
tCSHA
3
3
3
ns min
A
CSE
A
valid hold time to rising SCLK.
tCH
8
8
8
ns min
SCLK high time.
tCL
8
8
8
ns min
SCLK low time.
tDO
8.5
11.5
20
ns typ
SCLK falling edge to SDO valid delay; SDO capacitance of 15 pF.
11
19
24
ns max
tDS
2
2
2
ns min
SDI valid setup time from SCLK rising edge.
tDH
2
2
2
ns min
SDI valid hold time from SCLK rising edge.
tCSSD
2
2
2
ns min
A
CSE
A
valid setup time from SCLK rising edge.
tCSHD
2
2
2
ns min
A
CSE
A
valid hold time from SCLK rising edge.
tCSW
25
40
50
ns min
A
CSE
A
high time between writes (if used). Note that
A
CSE
A
is an optional input,
it may be tied permanently low. See a full description in the Serial
Interfaces section.
tDRDY_CS2
0
0
0
ns min
A
DRDYE
A
to
A
CSE
A
setup time.
tCSO
6
7
9
ns typ
Delay from
A
CSE
A
assert to SDO active.
A
RESETE
A
Low Time2
20
20
20
ns min
Minimum pulse width;
A
RESETE
A
is edge triggered.
1 Guaranteed by characterization, not production tested.
2 Guaranteed by design, not production tested.
Figure 2. Data Read and Write Timing Diagram (CPHA = 1, CPOL = 1)
DB[30]
DB[31]
DB[0]
DB[1]
DB[29]
DB[25]
DB[24]
DB[23]
SCLK
CS
SDI
tCH
tCL
tCSSA
tCSHA
tCSHD
tCSSD
tDH
tDS
tCSW
SDO
tDO
R/W
MSB
LSB
DATA
ADDRESS
DO_25
DO_1
DO_0
DO_29
DO_30
DO_31
DRDY
MSB
LSB
tCSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com