Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 5Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 6Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 7Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 8Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 9Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 10Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 11Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OTHER FUNCTIONS4
Power Dissipation
Respiration
7.6
mW
Shield Driver
150
μW
EXTERNALLY SUPPLIED ADCVDD
AND DVDD
Two electrodes enabled for one lead measurement,
RLD enabled, pace enabled
AVDD Current
1.9
3.7
mA
High performance mode
1.7
3.7
mA
Low performance mode
ADCVDD Current
3.6
5.5
mA
High performance mode
2.5
4.5
mA
Low performance mode
DVDD Current
1.7
4
mA
High performance mode
0.9
3
mA
Low performance mode
INTERNALLY SUPPLIED ADCVDD
AND DVDD
Two electrodes enabled for one lead measurement,
RLD enabled, pace enabled
AVDD Current
7.3
10.7
mA
High performance mode
5.3
8.2
mA
Low performance mode
POWER DISSIPATION
Two electrodes enabled for one lead measurement,
RLD enabled, pace enabled
Externally Supplied ADCVDD
and DVDD3
Two Input Channels and RLD
15.8
mW
High performance (low noise)
11.7
mW
Low power mode
Internally Supplied ADCVDD
and DVDD
Two Input Channels and RLD
24
mW
High performance (low noise)
17.5
mW
Low power mode
1
Guaranteed by characterization, not production tested.
2
Guaranteed by design, not production tested.
3
ADCVDD and DVDD can be powered from an internal LDO or, alternatively, can be powered from an external 1.8 V rail, which may result in a lower power solution.
4
Pace is a digital function and incurs no power penalty.
Rev. B | Page 9 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com