Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 41 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
EVALUATING RESPIRATION PERFORMANCE
ECG simulators offer a convenient means of studying the
ADAS1000-3/ADAS1000-4’s performance. While many
simulators offer a variable-resistance respiration capability,
care must be taken when using this feature.
Some simulators use electrically-programmable resistors, often
referred to as digiPOTs, to create the time-varying resistance
to be measured by the respiration function. The capacitances
at the digitPOT's terminals are often unequal and code-
dependent, and these unbalanced capacitances can give rise
to unexpectedly large or small results on different leads for
the same programmed resistance variation. Best results are
obtained with a purpose-built fixture that carefully balances
the capacitance presented to each ECG electrode.
PACING ARTIFACT DETECTION FUNCTION
(ADAS1000-4 ONLY)
The pacing artifact validation function qualifies potential
pacing artifacts and measures the width and amplitude of valid
pulses. These parameters are stored in and available from any of
the pace data registers (Address 0x1A, Address 0x3A to Address
0x3C). This function runs in parallel with the ECG channels.
Digital detection is performed using a state machine operating
on the 128 kHz 16-bit data from the ECG decimation chain.
The main ECG signals are further decimated before appearing
in the 2 kHz output stream so that detected pace signals are not
perfectly time-aligned with fully-filtered ECG data. This time
difference is deterministic and may be compensated for.
The pacing artifact validation function can detect and
measure pacing artifacts with widths from 100 μs to 2 ms
and with amplitudes of <400 μV to >1000 mV. Its filters are
designed to reject heartbeat, noise, and minute ventilation
pulses. The flowchart for the pace detection algorithm is
shown in Figure 71.
The ADAS1000-4 pace algorithm can operate with the ac lead-
off and respiration impedance measurement circuitry enabled.
Once a valid pace has been detected in the assigned leads, the
pace-detected flags appear in the header word (see Table 53) at
the start of the packet of ECG words. These bits indicate that a
pace was qualified. Further information on height and width of
pace is available by reading the contents of Address 0x1A (Register
PACEDATA, see Table 44). This word can be included in the
ECG data packet/frame as dictated by the frame control register
(see Table 37). The data available in the PACEDATA register
is limited to seven bits total for width and height information;
therefore, if more resolution is required on the pace height
and width, this is available by issuing read commands of the
PACExDATA registers (Address 0x3A to Address 0x3C) as
shown in Table 52.
The on-chip filtering contributes some delay to the pace signal
(see the Pace Latency section).
Choice of Leads
Three identical and independent state machines are available
and can be configured to run on up to three of four possible
leads (Lead I, Lead II, Lead III, and aVF) for pacing artifact
detection. Any necessary lead calculations are performed
internally and are independent of EGG channel settings for
output data rate, low-pass filter cutoff, and mode (electrode,
analog lead, common electrode). These calculations take into
account the available front-end configurations as detailed in
Table 15.
The pace detection algorithm searches for pulses by analyzing
samples in the 128 kHz ECG data stream. The algorithm
searches for a leading edge, a peak, and a trailing edge as
defined by values in the PACEEDGETH, PACEAMPTH, and
PACELVLTH registers, along with fixed width qualifiers. The
post-reset default register values can be overwritten via the SPI
bus, and different values can be used for each of the three pace
detection state machines.
Some users may not want to use three pace leads for detection.
In this case, Lead II is the vector of choice, because this lead is
likely to display the best pacing artifact. The other two pace
instances can be disabled if not in use.
The first step in pace detection is to search the data stream for
a valid leading edge. Once a candidate edge has been detected,
the algorithm begins searching for a second, opposite-polarity
edge that meets with pulse width criteria and passes the
(optional) noise filters. Only those pulses meeting all the
criteria are flagged as valid pace pulses. Detection of a valid
pace pulse sets the flag(s) in the frame header register and
stores amplitude and width information in the PACEDATA
register (Address 0x1A; see Table 44). The pace algorithm
looks for a negative or positive pulse
Rev. B | Page 41 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com