Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 48Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 49Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 50Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 51Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 52Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 53Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 54Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
Rev. B | Page 51 of 80
SERIAL INTERFACES
The ADAS1000-3/ADAS1000-4 are controlled via a standard
serial interface allowing configuration of registers and readback
of ECG data. This is an SPI-compatible interface that can
operate at SCLK frequencies up to 40 MHz.
The ADAS1000-3/ADAS1000-4 also provide an optional
secondary serial interface that is capable of providing ECG
data at the 128 kHz data rate for users wishing to apply their
own digital pace detection algorithm. This is a master interface
that operates with an SCLK of 20.48 MHz.
STANDARD SERIAL INTERFACE
The standard serial interface is LVTTL-compatible when oper-
ating from a 2.3 V to 3.6 V IOVDD supply. This is the primary
interface for controlling the ADAS1000-3/ADAS1000-4 reading
and writing registers, and reading frame data containing all the
ECG data-words and other status functions within the device.
The SPI is controlled by the following five pins:
A
CSE
A
(frame synchronization input). Asserting
A
CSE
A
low
selects the device. When
A
CSE
A
is high, data on the SDI
pin is ignored. If
A
CSE
A
is inactive, the SDO output driver is
disabled so that multiple SPI devices can share a common
SDO pin. The
A
CSE
A
pin can be tied low to reduce the number
of isolated paths required. When
A
CSE
A
is tied low, there is no
frame around the data-words; therefore, the user must be
aware of where they are within the frame. All data-words
with 2 kHz and 16 kHz data rates contain register addresses
at the start of each word within the frame. Users can
resynchronize the interface by holding SDI high for 64
SCLK cycles, followed by a read of any register so that
SDI is brought low for the first bit of the following word.
SDI (serial data input pin). Data on SDI is clocked into the
device on the rising edges of SCLK.
SCLK (clocks data in and out of the device). SCLK should
idle high when
A
CSE
A
is high.
SDO (serial data output pin for data readback). Data is
shifted out on SDO on the falling edges of SCLK. The
SDO output driver is high-Z when
A
CSE
A
is high.
A
DRDYE
A
(data ready, optional). Data ready when low,
busy when high. Indicates the internal status of the
ADAS1000-3/ADAS1000-4 digital logic. It is driven
high/busy during reset. If data frames are enabled and
the frame buffer is empty, this pin is driven busy/high.
If the frame buffer is full, this pin is driven low/ready.
If data frames are not enabled, this pin is driven low to
indicate that the device is ready to accept register
read/write commands. When reading packet data, the
entire packet must be read to allow the
A
DRDYE
A
return
back high.
Figure 76. Serial Interface
Write Mode
The serial word for a write is 32 bits long, MSB first. The serial
interface works with both a continuous and a burst (gated)
serial clock. The falling edge of
A
CSE
A
starts the write cycle.
Serial data applied to SDI is clocked into the ADAS1000-3/
ADAS1000-4 on rising SCLK edges. At least 32 rising clock
edges must be applied to SCLK to clock in 32 bits of data
before
A
CSE
A
is taken high again. The addressed input register is
updated on the rising edge of
A
CSE
A
. For another serial transfer to
take place,
A
CSE
A
must be taken low again. Register writes are used
to configure the device. Once the device is configured and
enabled for conversions, frame data can be initiated to start
clocking
out ECG data on SDO at the programmed data rate. Normal
operation for the device is to send out frames of ECG data.
Typically, register reads and writes should be needed only
during start-up configuration. However, it is possible to write
new configuration data to the device while in framing mode.
A new write command is accepted within the frame and,
depending on the nature of the command, there may be a
need to flush out the internal filters (wait periods) before
seeing usable framing data again.
Write/Read Data Format
Address, data, and the read/write bits are all in the same word.
Data is updated on the rising edge of
A
CSE
A
or the first cycle of the
following word. For all write commands to the ADAS1000-3/
ADAS1000-4, the data-word is 32 bits, as shown in Table 18.
Similarly, when using data rates of 2 kHz and 16 kHz, each
word is 32 bits (address bits and data bits).
Table 18. Serial Bit Assignment (Applies to All Register
Writes, 2 kHz and 16 kHz Reads)
B31
[B30:B24]
[B23:B0]
A
RE
A
/W
Address Bits[6:0]
Data Bits[23:0] (MSB first)
For register reads, data is shifted out during the next word, as
shown in Table 19.
Table 19. Read/Write Data Stream
Digital
Pin
Command 1
Command 2
Command 2
SDI
Read Address 1
Read Address 2
Write Address 3
SDO
Address 1
Read Data 1
Address 2
Read Data 2
MICROCONTROLLER/
DSP
ADAS1000-3/
ADAS1000-4
SCLK
SDI
CS
SDO
DRDY
SCLK
MOSI
CS
MISO
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com