Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 57 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 57 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 53Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 54Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 55Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 56Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 57Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 58Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 59Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 60Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
13B
SPI REGISTER DEFINITIONS AND MEMORY MAP
In 2 kHz and 16 kHz data rates, data takes the form of 32-bit words. Bit A6 to Bit A0 serve as word identifiers. Each 32-bit word has
24 bits of data. A third high speed data rate is also offered: 128 kHz with data in the form of 16-bit words (all 16 bits as data).
Table 26. SPI Register Memory Map
AA
REE
AA
/W121
A[6:0]
D[23:0]
Register Name
Table
Register Description
Reset Value
R
0x00
XXXXXX
NOP
NOP (no operation)
0x000000
R/W
0x01
dddddd
ECGCTL
Table 28
ECG control
0x000000
R/W
0x02
dddddd
LOFFCTL
Table 29
Lead-off control
0x000000
R/W
0x03
dddddd
RESPCTL
Table 30
Respiration control2
0x000000
R/W
0x04
dddddd
PACECTL
Table 31
Pace detection control
0x000F88
R/W
0x05
dddddd
CMREFCTL
Table 32
Common-mode, reference, and shield drive control
0xE00000
R/W
0x06
dddddd
GPIOCTL
Table 33
GPIO control
0x000000
R/W
0x07
dddddd
PACEAMPTH
Table 34
Pace amplitude threshold2
0x242424
R/W
0x08
dddddd
TESTTONE
Table 35
Test tone
0x000000
R/W
0x09
dddddd
CALDAC
Table 36
Calibration DAC
0x002000
R/W
0x0A
dddddd
FRMCTL
Table 37
Frame control
0x079000
R/W
0x0B
dddddd
FILTCTL
Table 38
Filter control
0x000000
R/W
0x0C
dddddd
LOFFUTH
Table 39
AC lead-off upper threshold
0x00FFFF
R/W
0x0D
dddddd
LOFFLTH
Table 40
AC lead-off lower threshold
0x000000
R/W
0x0E
dddddd
PACEEDGETH
Table 41
Pace edge threshold2
0x000000
R/W
0x0F
dddddd
PACELVLTH
Table 42
Pace level threshold2
0x000000
R
0x11
XXXXXX
LADATA
Table 43
LA or Lead I data
0x000000
R
0x12
XXXXXX
LLDATA
Table 43
LL or Lead II data
0x000000
R
0x13
XXXXXX
RADATA
Table 43
RA or Lead III data
0x000000
R
0x1A
XXXXXX
PACEDATA
Table 44
Read pace detection data/status2
0x000000
R
0x1B
XXXXXX
RESPMAG
Table 45
Read respiration data—magnitude2
0x000000
R
0x1C
XXXXXX
RESPPH
Table 46
Read respiration data—phase2
0x000000
R
0x1D
XXXXXX
LOFF
Table 47
Lead-off status
0x000000
R
0x1E
XXXXXX
DCLEAD-OFF
Table 48
DC lead-off
0x000000
R
0x1F
XXXXXX
OPSTAT
Table 49
Operating state
0x000000
R/W
0x21
dddddd
CALLA
Table 50
User gain calibration LA
0x000000
R/W
0x22
dddddd
CALLL
Table 50
User gain calibration LL
0x000000
R/W
0x23
dddddd
CALRA
Table 50
User gain calibration RA
0x000000
R
0x31
dddddd
LOAMLA
Table 51
Lead-off amplitude for LA
0x000000
R
0x32
dddddd
LOAMLL
Table 51
Lead-off amplitude for LL
0x000000
R
0x33
dddddd
LOAMRA
Table 51
Lead-off amplitude for RA
0x000000
R
0x3A
dddddd
PACE1DATA
Table 52
Pace1 width and amplitude2
0x000000
R
0x3B
dddddd
PACE2DATA
Table 52
Pace2 width and amplitude2
0x000000
R
0x3C
dddddd
PACE3DATA
Table 52
Pace3 width and amplitude2
0x000000
R
0x40
dddddd
FRAMES
Table 53
Frame header
0x800000
R
0x41
XXXXXX
CRC
Table 54
Frame CRC
0xFFFFFF
x
Other
XXXXXX
Reserved3
Reserved
XXXXXX
1
R/W = register both readable and writable; R = read only.
2
ADAS1000-4 model only, ADAS1000-3 model does not contain these features.
3
Reserved bits in any register are undefined. In some cases, a physical (but unused) memory bit may be present—in other cases not. Do not issue commands to
reserved registers/space. Read operations of unassigned bits are undefined
.
Rev. B | Page 57 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com