Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 29Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 30Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 31Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 32Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 33Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 34Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 35Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
DEFIBRILLATOR PROTECTION
The ADAS1000-3/ADAS1000-4 do not include defibrillation
protection on chip. Any defibrillation protection required by
the application requires external components. Figure 61 and
Figure 62 show examples of external defibrillator protection,
which is required on each ECG channel, in the RLD path, and
in the CM_IN path if using the CE input mode. Note that, in
both cases, the total ECG path resistance is assumed to be 5 kΩ.
The 22 MΩ resistors shown connected to RLD are optional and
used to provide a safe termination voltage for an open ECG
electrode; they may be larger in value. Note that, if using these
resistors, the dc lead-off feature works best with the highest
current setting.
ESIS FILTERING
The ADAS1000-3/ADAS1000-4 do not include electrosurgical
interference suppression (ESIS) protection on chip. Any ESIS
protection required by the application requires external
components.
ECG PATH INPUT MULTIPLEXING
As shown in Figure 63, signal paths for numerous functions are
provided on each ECG channel (except respiration, which only
connects to the ECG1_LA, ECG2_LL, and ECG3_RA pins).
Note that the channel enable switch occurs after the RLD
amplifier connection, thus allowing the RLD to be connected
(redirected into any one of the ECG paths). The CM_IN path is
treated the same as the ECG signals.
Figure 61. Possible Defibrillation Protection on ECG Paths Using Neon Bulbs
Figure 62. Possible Defibrillation Protection on ECG Paths Using Diode Protection
Figure 63. Typical ECG Channel Input Multiplexing
ELECTRODE
PATIENT
CABLE
4k
Ω
ECG1
500
Ω
500
Ω
ELECTRODE
PATIENT
CABLE
4k
Ω
ECG2
RLD
22M
Ω1
22M
Ω1
ARGON/NEON
BULB
ARGON/NEON
BULB
1OPTIONAL.
SP724
AVDD
SP724
AVDD
500
Ω
500
Ω
ADAS1000-3/
ADAS1000-4
ELECTRODE
PATIENT
CABLE
4.5k
Ω
ADAS1000-3/
ADAS1000-4
500Ω
ELECTRODE
PATIENT
CABLE
4.5kΩ
500Ω
RLD
22M
Ω1
22M
Ω1
AVDD
AVDD
1OPTIONAL.
2TWO LITTELFUSE SP724 CHANNELS PER ELECTRODE MAY PROVIDE
BEST PROTECTION.
SP7242
SP7242
ECG1
ECG2
ANALOG
LEAD
(RA/LA/LL)
INPUT AMPLIFIER
RLD AMP
DCLO
CURRENT
ACLO
CURRENT
11.3pF
RESPIRATION
INPUT
CALDAC
CHANNEL
ENABLE
ECG PIN
1.3V VCM_REF
+
–
TO CM
AVERAGING
FROM CM
AVERAGING
TO
FILTERING
ADAS1000
VCM
MUX FOR LEAD CONFIG,
COMMON ELECTRODE
+
–
Rev. B | Page 33 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com