Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 23Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 24Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 25Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 26Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 27Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 28Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 29Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 30Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
21B
ECG INPUTS—ELECTRODES/LEADS
The ADAS1000-3/ADAS1000-4 ECG product consists of three
ECG inputs and a reference drive, RLD (right leg drive). In
a typical 3-lead/vector application, three of the ECG inputs
(ECG3_RA, ECG1_LA, ECG2_LL) are used in addition to the
RLD path.
In a 3-lead system, the ADAS1000-3/ADAS1000-4 can be
arranged to provide Lead I, Lead II, and Lead III data or
electrode data directly via the serial interface at all frame
rates. Note that in 128 kHz data rate, lead data is only available
when configured in analog lead mode. Digital lead mode is not
available for this data rate.
Should the user have a need for increased electrode counts, then
there are other products within the ADAS1000 family that may
be suitable. For example, a derived 12-lead (8-electrode) system
can be achieved using one ADAS1000-3 or ADAS1000-4
device ganged together with one ADAS1000-2 slave device
as described in the Gang Mode Operation section. Similarly,
a 12-lead (10-electrode) system can be achieved using one
ADAS1000 or ADAS1000-1 device ganged together with one
ADAS1000-2 slave device as described in the Gang Mode
Operation section. Here, nine ECG electrodes and one RLD
electrode achieve the 10 electrode system, again leaving one
spare ECG channel that could be used for alternate purposes
as suggested previously. In such a system, having nine dedi-
cated electrodes benefits the user by delivering lead information
based on electrode measurements and calculations rather than
deriving leads from other lead measurements.
Table 10 outlines the calculation of the leads (vector) from the
individual electrode measurements when using either the
ADAS1000-3 or ADAS1000-4.
Table 10. Lead Composition
Device
Lead Name
Composition
Equivalent
ADAS1000-3 or ADAS1000-4
I
LA – RA
II
LL – RA
III
LL – LA
aVR1
RA – 0.5 × (LA + LL)
−0.5 × (I + II)
aVL1
LA – 0.5 × (LL + RA)
0.5 × (I − III)
aVF1
LL – 0.5 × (LA + RA)
0.5 × (II + III)
1
These augmented leads are not calculated within the ADAS1000-3/ADAS1000-4, but can be derived in the host DSP/microcontroller/FPGA.
Rev. B | Page 27 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com