Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
Figure 69. Respiration Using External Capacitor and External Amplifiers
If required, further improvements in respiration performance
may be possible with the use of an instrumentation amplifier
and op amp external to the ADAS1000-4. The instrumentation
amplifier must have sufficiently low noise performance to meet
the target performance levels. This mode uses the external
capacitor mode configuration and is shown in Figure 69. Bit 14
of the RESPCTL register (Table 30) allows the user to bypass
the on-chip amplifier when using an external instrumentation
amplifier.
Respiration Carrier Frequency
The frequency of the respiration carrier is programmable and
can be varied through the RESPCTL register (Address 0x03, see
Table 30). The status of the HP bit in the ECGCTL register also
has an influence on the carrier frequency as shown in Table 13.
Table 13. Control of Respiration Carrier Frequencies
RESPALT-
FREQ1
RESPEXT-
SYNC1
HP2
RESP-
FREQ1
Respiration Carrier
Frequency
0
0
1
00
56
0
0
1
01
54
0
0
1
10
52
0
0
1
11
50
0
0
0
00
56
0
0
0
01
54
0
0
0
10
52
0
0
0
11
50
1
X3
1
00
64
1
X3
1
01
56.9
1
X3
1
10
51.2
1
X3
1
11
46.5
1
X3
0
00
32
1
X3
0
01
28
1
X3
0
10
25.5
1
X3
0
11
23
1
Control bits from RESPCTL (Register 0x03).
2
Control bit from ECGCTL (Register 0x01).
3
X = don’t care.
In applications where an external signal generator is used to
develop a respiration carrier signal, that external signal source
can be synchronized to the internal carrier using the signal
available on GPIO3 when Bit 7, RESPEXTSEL, is enabled in
the respiration control register (see Table 30).
Table 14. Control of Respiration Carrier Frequency
Available on GPIO3
RESPALT-
FREQ1
RESPEXT-
SYNC1
HP2
RESP-
FREQ1
Respiration Carrier
Frequency on GPIO3
0
1
X3
XX3
64
1
1
1
00
64
1
1
1
01
56
1
1
1
10
51.2
1
1
1
11
46.5
1
1
0
00
32
1
1
0
01
28
1
1
0
10
25.5
1
1
0
11
23
1
Control bits from RESPCTL (Register 0x03).
2
Control bit from ECGCTL (Register 0x01).
3
X = don’t care.
LA CABLE
50kHz TO
56kHz
46.5kHz TO
64kHz
OVERSAMPLED
1kΩ
10kΩ
10kΩ
10kΩ
10kΩ
1kΩ
100Ω
100Ω
RESPDAC_LA
RESPDAC_RA
1nF TO 10nF
1nF TO 10nF
RESPIRATION DAC
DRIVE + ve
CABLE AND ELECTRODE
IMPEDANCE < 1kΩ
RA CABLE
RESPIRATION
MEASURE
RESPIRATION DAC
DRIVE – ve
HPF
IN-AMP AND
ANTI-ALIASING
MAGNITUDE
AND
PHASE
SAR
ADC
EXT_RESP_LA
EXT_RESP_RA
REFOUT = 1.8V
0.9V
GAIN
1/2 OF
AD8606
1/2 OF
AD8606
ADAS1000-4
±1V
±1V
LPF
Rev. B | Page 40 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com