Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 51Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 52Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 53Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 54Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 55Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 56Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 57Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 58Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
48B
SECONDARY SERIAL INTERFACE
This second serial interface is an optional interface that
can be used for the user’s own pace detection purposes.
This interface contains ECG data at 128 kHz data rate only.
If using this interface, the ECG data is still available on the
standard interface discussed previously at lower rates with all
the decimation and filtering applied. If this interface is inactive,
it draws no power.
Data is available in 16-bit words, MSB first.
This interface is a master interface, with the ADAS1000-3/
ADAS1000-4 providing the SCLK,
AA
CSEE
AA
, SDO. Is it shared
across some of the existing GPIO pins as follows:
•
GPIO1/MSCLK
•
GPIO0/
AA
MCSEE
•
GPIO2/MSDO
This interface can be enabled via the GPIO register (see
Table 33).
Figure 78. Master SPI Interface for External Pace Detection Purposes
The data format of the frame starts with a header word, three
ECG data-words, two words filled with zeros and completes
with the same CRC word as documented in Table 24 for the
128 kHz rate. All words are 16 bits. MSCLK runs at approxi-
mately 20 MHz and the
AA
MCSEE
AA
function is asserted for the entire
frame with the data available on MSDO on the falling edge of
MSCLK. MSCLK idles high when
AA
MCSEE
AA
is deasserted.
The data format for this interface is fixed and not influenced by
the FRMCTL register settings. All six words are output, even if
the individual channels are not enabled.
The header word consists of four bits of all 1s followed by a 12-
bit sequence counter. This sequence counter increments after
every frame is sent, thereby allowing the user to tell if any
frames have been missed and how many.
A
RESETEE
There are two methods of resetting the ADAS1000-3/ADAS1000-4
to power-on default. Bringing the
AA
RESETEE
AA
line low or setting
the SWRST bit in the ECGCTL register (Table 28) resets the
contents of all internal registers to their power-on reset state.
The falling edge of the
AA
RESETEE
AA
pin initiates the reset
process;
AA
DRDYEE
AA
goes high for the duration, returning low when
the
AA
RESETEE
AA
process is complete. This sequence takes 1.5 ms
maximum. Do not write to the serial interface while
AA
DRDYEE
AA
is
high handling a
AA
RESETEE
AA
command. When
AA
DRDYEE
AA
returns low,
normal operation resumes and the status of the
AA
RESETEE
AA
pin is
ignored until it goes low again. Software reset using the SWRST
bit (see Table 28) requires that a NOP (no operation) command
be issued to complete the reset cycle.
A
PDEE
AA
FUNCTION
The
AA
PDEE
AA
pin powers down all functions in low power mode.
The digital registers maintain their contents. The power-down
function is also available via the serial interface (ECG control
register, see Table 28).
Table 25. Master SPI Frame Format; All Words are 16 Bits
Mode\Word
1
2
3
4
5
6
7
Electrode mode1
Header
ECG1_LA
ECG2_LL
ECG3_RA
All 0’s
All 0’s
CRC
Analog lead mode1
Header
LEAD I
LEAD III
−LEAD II (RA-LL)
All 0’s
All 0’s
CRC
1
As set by the FRMCTL register data DATAFMT, Bit [4], see Table 37.
ADAS1000-4
MASTER SPI
SCLK
CS
MCS/GPIO0
MICROCONTROLLER/
DSP
MSDO/GPIO2
MISO/GPIO
MSCLK/GPIO1
Rev. B | Page 55 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com