Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 53 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 53 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 49Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 50Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 51Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 52Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 53Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 54Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 55Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 56Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
Data Sheet
ADAS1000-3/ADAS1000-4
Internal operations are synchronized to the internal master
clock at either 2.048 MHz or 1.024 MHz (ECGCTL[3]: HP = 1
and HP = 0, respectively, see Table 28). Because there is no
guaranteed relationship between the internal clock and the
SPI's SCLK signal, an internal handshaking scheme is used to
ensure safe data transfer between the two clock domains. A full
handshake requires three internal clock cycles and imposes an
upper speed limit on the SCLK frequency when reading frames
with small word counts. This is true for all data frame rates.
SCLK (max) = (1.024 MHz × (1 + HP) × words_per_frame ×
bits_per_word)/3; or 40 MHz, whichever is lower.
Exceeding the maximum SCLK frequency for a particular
operating mode causes erratic behavior in the
EE
AA
signal
and results in the loss of data.
DRDY
90B
Data Rate and Skip Mode
Although the standard frame rates available are 2 kHz, 16 kHz,
and 128 kHz, there is also a provision to skip frames to further
reduce the data rate. This can be configured in the frame
control register (see Table 37).
91B
Data Ready (
AA
DRDYEE
AA
)
The
AA
DRDYEE
AA
pin is used to indicate that a frame composed of
decimated data at the selected data rate is available to read. It
is high when busy and low when ready. Send commands only
when the status of
AA
DRDYEE
AA
is low or ready. During power-on, the
status of
AA
DRDYEE
AA
is high (busy) while the device initializes itself.
When initialization is complete,
AA
DRDYEE
AA
goes low and the user
can start configuring the device for operation. When the device
is configured and enabled for conversions by writing to the
conversion bit (CNVEN) in the ECGCTL register, the ADCs
start to convert and the digital interface starts to make data
available, loading them into the buffer when ready. If conver-
sions are enabled and the buffer is empty, the device is not
ready and
AA
DRDYEE
AA
goes high. Once the buffer is full,
AA
DRDYEE
AA
goes low to indicate that data is ready to be read out of the
device. If the device is not enabled for conversions, the
AA
DRDYEE
AA
ignores the state of the buffer full status.
When reading packets of data, the entire data packet must be
read; otherwise,
AA
DRDYEE
AA
stays low.
There are three methods of detecting
AA
DRDYEE
AA
status.
•
AA
DRDYEE
AA
pin. This is an output pin from the ADAS1000-3/
ADAS1000-4 that indicates the device read or busy status.
No data is valid while this pin is high. The
AA
DRDYEE
AA
signals
that data is ready to be read by driving low and remaining
low until the entire frame has been read. It is cleared when
the last bit of the last word in the frame is clocked onto
SDO. The use of this pin is optional.
•
SDO pin. The user can monitor the voltage level of the
SDO pin by bringing
AA
CSEE
AA
low. If SDO is low, data is ready;
if high, busy. This does not require clocking the SCLK
input. (CPHA = CPOL = 1 only).
•
One of the first bits of valid data in the header word availa-
ble on SDO is a data ready status bit (see Table 43). Within
the configuration of the ADAS1000-3/ADAS1000-4, the
user can set the header to repeat until the data is ready. See
Bit 6 (RDYRPT) in the frame control register in Table 37.
The host controller must read the entire frame to ensure
AA
DRDYEE
AA
returns low and ready. If the host controller treats the
AA
DRDYEE
AA
as
an edge triggered signal and then misses a frame or underruns,
the
AA
DRDYEE
AA
remains high because there is still data available to
read. The host controller must treat the
AA
DRDYEE
AA
signal as level
triggered, ensuring that whenever it goes low, it generates an
interrupt which can initiate a SPI frame transfer. On completion
of the transfer the
AA
DRDYEE
AA
returns high.
92B
Detecting Missed Conversion Data
To ensure that the current data is valid, the entire frame must
be read at the selected data rate. If a read of the entire frame
takes longer than the selected data rate allows, the internal
buffer is not loaded with the latest conversion data. The frame
header register (see Table 53) provides four settings to indicate
an overflow of frame data. The settings of Bits[29:28] report
how many frames have been missed since the last valid frame
read. A missed frame may occur as a result of the last read
taking too long. The data in the current frame is valid data,
but it is not the current data. It is the calculation made directly
after the last valid read.
To clear such an overflow, the user must read the entire frame.
Rev. B | Page 53 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com