Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000-4BSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 12Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 13Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 14Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 15Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 16Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 17Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 18Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 19Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
Rev. B | Page 16 of 80
Table 9. Pin Function Descriptions
ADAS1000-3 Pin No.
ADAS1000-4 Pin No.
Mnemonic
Description
LQFP
LFCSP
LQFP
LFCSP
18, 23,
58, 63
15, 20,
51, 56
18, 23, 58,
63
15, 20, 51,
56
AVDD
Analog Supply. See recommendations for bypass capacitors in the Power Supply,
Grounding, and Decoupling Strategy section.
35, 46
30, 41
35, 46
30, 41
IOVDD
Digital Supply for Digital Input/Output Voltage Levels. See recommendations for
bypass capacitors in the Power Supply, Grounding, and Decoupling Strategy section.
26, 55
23, 48
26, 55
23, 48
ADCVDD
Analog Supply for ADC. There is an on-chip linear regulator providing the supply
voltage for the ADCs. These pins are primarily provided for decoupling purposes;
however, the pin may also be supplied by an external 1.8 V supply should the user wish
to use a more efficient supply to minimize power dissipation. In this case, use the
VREG_EN pin tied to ground to disable the ADCVDD and DVDD regulators. The
ADCVDD pin should not be used to supply other functions. See recommendations for
bypass capacitors in the Power Supply, Grounding, and Decoupling Strategy section.
30, 51
27, 44
30, 51
27, 44
DVDD
Digital Supply. There is an on-chip linear regulator providing the supply voltage for the
digital core. These pins are primarily provided for decoupling purposes; however, the
pin may also be overdriven supplied by an external 1.8 V supply should the user wish to
use a more efficient supply to minimize power dissipation. In this case, use the
VREG_EN pin tied to ground to disable the ADCVDD and DVDD regulators. See
recommendations for bypass capacitors in the Power Supply, Grounding, and
Decoupling Strategy section.
2, 15, 24,
25, 56, 57
1, 14, 21,
22, 49, 50
2, 15, 24,
25, 56, 57
1, 14, 21,
22, 49, 50
AGND
Analog Ground.
31, 34,
40, 47, 50
28, 29,
36, 42, 43
31, 34, 40,
47, 50
28, 29, 36,
42, 43
DGND
Digital Ground.
59
19
59
19
VREG_EN
Enables or disables the internal voltage regulators used for ADCVDD and DVDD. Tie this
pin to AVDD to enable or tie this pin to ground to disable the internal voltage
regulators.
10
6
10
6
ECG1_LA
Analog Input, Left Arm (LA).
11
5
11
5
ECG2_LL
Analog Input, Left Leg (LL).
12
4
12
4
ECG3_RA
Analog Input, Right Arm (RA).
4
12
EXT_RESP_RA
Optional External Respiration Input.
5
11
EXT_RESP_LL
Optional External Respiration Input.
6
10
EXT_RESP_LA
Optional External Respiration Input.
62
16
RESPDAC_LL
Optional Path for Higher Performance Respiration Resolution, Respiration DAC Drive,
Negative Side 0.
60
18
SHIELD/
RESPDAC_LA
Shared Pin (User-Configured).
Output of Shield Driver (SHIELD).
Optional Path for Higher Performance Respiration Resolution, Respiration DAC Drive,
Negative Side 1 (RESPDAC_LA).
60
18
SHIELD
Output of Shield Driver.
3
13
RESPDAC_RA
Optional Path for Higher Performance Respiration Resolution, Respiration DAC Drive,
Positive Side.
22
52
22
52
CM_OUT/WCT
Common-Mode Output Voltage (Average of Selected Electrodes). Not intended to drive
current.
19
55
19
55
CM_IN
Common-Mode Input.
21
53
21
53
RLD_SJ
Summing Junction for Right Leg Drive Amplifier.
20
54
20
54
RLD_OUT
Output and Feedback Junction for Right Leg Drive Amplifier.
61
17
61
17
CAL_DAC_IO
Calibration DAC Input/Output. Output for a master device, input for a slave. Not
intended to drive current.
9
7
9
7
REFIN
Reference Input. For standalone mode, use REFOUT connected to REFIN. External 10 μF
capacitors with ESR < 0.2 Ω in parallel with 0.1 μF bypass capacitors to GND are
required and should be placed as close to the pin as possible. An external reference can
be connected to REFIN.
8
8
8
8
REFOUT
Reference Output.
7
9
7
9
REFGND
Reference Ground. Connect to a clean ground.
27, 28
47, 46
27, 28
47, 46
XTAL1, XTAL2
External crystal connects between these two pins; external clock drive should be
applied to CLK_IO. Each XTAL pin requires a 15 pF capacitor to ground.
29
45
29
45
CLK_IO
Buffered Clock Input/Output. Output for a master device; input for a slave. Powers up in
high impedance.
41
35
41
35
A
CSE
Chip Select and Frame Sync, Active Low.
A
CSE
A
can be used to frame each word or to frame
the entire suite of data in framing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com