Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 84Page - ATMEL Corporation ATPL00B Datasheet HTML 85Page - ATMEL Corporation ATPL00B Datasheet HTML 86Page - ATMEL Corporation ATPL00B Datasheet HTML 87Page - ATMEL Corporation ATPL00B Datasheet HTML 88Page - ATMEL Corporation ATPL00B Datasheet HTML 89Page - ATMEL Corporation ATPL00B Datasheet HTML 90Page - ATMEL Corporation ATPL00B Datasheet HTML 91Page - ATMEL Corporation ATPL00B Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
88
9.1.9
INP_SOURCE register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
INP_SOURCE
--
--
--
--
--
D2
D1
D0
Name:
INP_SOURCE
Address:
0xFEAB
Reset:
“00000000”
--:
Reserved bit
D(2:0):
This register controls the multiplexor that selects the input to INTERR(3:0) (dimmer
switches). See Figure 9-5
D(2:0)
INTERR(3:0) input
Comment
“000” (default)
“1111”
INTC(3:0) in “Hi-Z”
INTC(3:0) in “Hi-Z”
“001”
“1111”
“010”
“011”
“100”
INTA(3:0)
Microcontroller must not write a '0' in
these ports when they are being used as
switch inputs
“101”
INTB(3:0)
“110”
INTC(3:0)
“111”
INTD(3:0)
Figure 9-5.
INTERR input mux
VNR
DIMMER
PERIPHERAL
INTERR(3:0)
TRIAC(3:0)
INP_SOURCE(2:0)
“1111”
INTA
INTB
INTC
INTD
0-3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com