Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 18Page - ATMEL Corporation ATPL00B Datasheet HTML 19Page - ATMEL Corporation ATPL00B Datasheet HTML 20Page - ATMEL Corporation ATPL00B Datasheet HTML 21Page - ATMEL Corporation ATPL00B Datasheet HTML 22Page - ATMEL Corporation ATPL00B Datasheet HTML 23Page - ATMEL Corporation ATPL00B Datasheet HTML 24Page - ATMEL Corporation ATPL00B Datasheet HTML 25Page - ATMEL Corporation ATPL00B Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
22
Common and extended memory sizes vary depending on the value in P0(7:6), as shown above. According to these size
values, the core knows when the PC is pointing to an address located in common memory and when it is pointing to an
address located in extended memory. When PC is pointing to an address in extended memory, then P0(5:0) indicates
the extended page number and the physical address is automatically calculated. Some examples are shown below.
Example:
SX(1:0)=”00” (common memory size = 32KB)
PC=0x7F23 (PC pointing to an address in common memory space)
P0(5:0)= don
‟t care
LOGIC ADDRESS=0x7F23, common memory space
PHYSICAL ADDRESS=0x7F23 (common memory space  P0(5:0) is ignored)
Figure 4-5.
Extended Addressing example 1
Common
Program
PAGE 0
PAGE 1
0x000000
0x00BFFF
0x00C000
0x00FFFF
0x010000
PAGE 2
0x013FFF
0x014000
Physical Address = 0x7F23
Common
Program
PAGE 0
0x000000
0x00BFFF
0x00C000
0x00FFFF
PC=0x7F23
Logical Address = 0x7F23,
(commom memory space)
Physical Address = PC = 0x7F23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com