Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 2 Page - ATMEL Corporation

  ATPL00B Datasheet HTML 1Page - ATMEL Corporation ATPL00B Datasheet HTML 2Page - ATMEL Corporation ATPL00B Datasheet HTML 3Page - ATMEL Corporation ATPL00B Datasheet HTML 4Page - ATMEL Corporation ATPL00B Datasheet HTML 5Page - ATMEL Corporation ATPL00B Datasheet HTML 6Page - ATMEL Corporation ATPL00B Datasheet HTML 7Page - ATMEL Corporation ATPL00B Datasheet HTML 8Page - ATMEL Corporation ATPL00B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
2
Description
The ATPL00B is a Power Line Communications System on Chip that implements a
full PLC node using FSK modulations and includes a hardwired Medium Access
Controller (ADD1210). It has been developed to reduce the CPU computational load
in PLC systems. Thus, the microcontroller is free to be used in the applications tasks.
MAC functional capabilities of ATPL00B (performed in ADD1210 Medium Access
Controller) involve the construction of message packets, adding convolutional or FEC
(Forward Error Correction) codes to bytes and FCS (Frame Check Sequence) to
packets. In reception, the MAC provides frame detection and Viterbi decoding or FCS
and FEC correction.
ATPL00B MAC design is versatile and allows users to create a wide range of
datagram structures. The MAC shall be set in a bypass mode allowing direct
connection between the microcontroller and the modem to support old FSK software
that doesn‟t include the MAC.
ATPL00B PLC modem (ADD1310) is based on a Frequency-shift keying (FSK)
Modulation Scheme supporting Minimum Shift Frequency (MSK) in the C-Band with
carrier frequency of 132,5KHz. It shall work using a single power supply of 3.3V and
a
few
external
components,
supporting
several
Analog
Front
End
(AFE)
configurations suitable for Home Automation purposes. It shall replace the traditional
analog PLC modem and can use the same software libraries or a simplified version if
the hardwired MAC is used. The PLC modem fits CENELEC C-band and EN50065-1
access rules, and has receiver sensitivity up to 44dBμVrms (158 μVrms).
ATPL00B core (ADD8051C3A) includes all features of the standard 8051, with an
average speed up to x5 and some additional features.
The microcontroller includes some specific peripherals as 4 input / 4 output dimmers
for power regulation (phase angle control), and also
capable of generating Pulse-
Width Modulation (PWM) control.
A flash program loader allows downloading the microcontroller program in a standard
SPI serial flash memory and executing it from internal SRAM. In the start-up process,
the program is uploaded from serial flash to the internal 128Kbytes of SRAM before
starting the execution. After that, the free space in the serial flash shall be used to
store application data. ATPL00B includes an encryption engine for code protection.
Using a larger flash, several programs may be stored at the same time and the
microcontroller shall switch from one program to another. This feature could be used
to reprogram the SoC using PLC downloading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com