Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATPL00B Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATPL00B
Description  FSK Power Line Communications SoC
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL00B Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATPL00B Datasheet HTML 45Page - ATMEL Corporation ATPL00B Datasheet HTML 46Page - ATMEL Corporation ATPL00B Datasheet HTML 47Page - ATMEL Corporation ATPL00B Datasheet HTML 48Page - ATMEL Corporation ATPL00B Datasheet HTML 49Page - ATMEL Corporation ATPL00B Datasheet HTML 50Page - ATMEL Corporation ATPL00B Datasheet HTML 51Page - ATMEL Corporation ATPL00B Datasheet HTML 52Page - ATMEL Corporation ATPL00B Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
Atmel ATPL00B [datasheet]
43028A-ATPL - 9/12
49
5.
Timers
The ADD8051C3A has a full set of timers, listed below:
Two 16-bit configurable Timers/Counters: Timer 0 and Timer 1 that can be configured as timers or event
counters.
Three 8-bit auto reload counters Timers 11, 12 and 14, used as baud rate generators for uarts 0, 1 and 2
respectively (see Standard Serial Interfaces section).
One 8-bit, with 18-bit preescaler, watchdog timer: Timer 3 (see Watchdog (timer 3) section).
One 16-bit Timer/Counter Timer 2 with capture reload hardware (see 5.2)
5.1
Timer 0 and Timer 1
Timers 0 and 1 have 2-bit preescalers. These preescalers can be programmed to slow down count rate. The reset value
set the preescaler values to the slowest count rate and the real count rate of the timers is the same than the timers in an
“8051 legacy” microcontroller (12 clock cycles per machine cycle).
TPR, TMOD and TCON registers described below are involved in timer 0 and timer 1 management.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
TPR
--
--
T1P1
T1P0
T01P1
T01P0
T0P1
T0P0
--:
Reserved bit
T1P(1:0): Rollover value for T1 preescaler when T1 is in modes 0, 1, 2 and 3
T01P(1:0): Rollover value for TH0 preescaler when T0 is in mode 3
T0P(1:0): Rollover value for T0 preescaler when T0 is in modes 0, 1, and 2, and for TL0
preescaler when T0 is in mode 3
When T0 or T1 are in the timer function, the registers are incremented every 1, 2, 3 or 4 machine cycles. Since a
machine cycle consists of 3 oscillator periods, the count rate is 1/3, 1/6, 1/9 or 1/12 of the oscillator frequency.
In the counter function, the register is incremented in response to a 1-to-0 transition at its corresponding external input
pin, T0(P3.4) or T1(P3.5). When in counter function, the external input is sampled once every machine cycle. When the
samples show a high in one cycle and a low in the next cycle (1-to-0 transition), the count is incremented. The register
value is updated during the cycle following the one in which the transition was detected, the maximum count rate is 1/2
of the machine cycle frequency.
Either the timer or counter function is selected by control bit C/T in the Special Function Register TMOD where T0 and
T1 have four operating modes, which are selected by bit-pairs (M1, M0) in TMOD.
TIMER 1
TIMER 0
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
B it 0
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
GATE:
„1‟: Enables gate control. Device count is enabled only when both „INTi‟ pin and
“TCON.TRi” are high.
„0‟: Disables gate control. Device count is enabled when “TCON.TRi” is high.
C/T:
„1‟: Counter operation mode. Input from Ti input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com